Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 2 Page - NXP Semiconductors

  IMX95CEC Datasheet HTML 1Page - NXP Semiconductors IMX95CEC Datasheet HTML 2Page - NXP Semiconductors IMX95CEC Datasheet HTML 3Page - NXP Semiconductors IMX95CEC Datasheet HTML 4Page - NXP Semiconductors IMX95CEC Datasheet HTML 5Page - NXP Semiconductors IMX95CEC Datasheet HTML 6Page - NXP Semiconductors IMX95CEC Datasheet HTML 7Page - NXP Semiconductors IMX95CEC Datasheet HTML 8Page - NXP Semiconductors IMX95CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 124 page
background image
1 Introduction
i.MX 95 applications processors offer advanced graphics and video cores, powerful vision and machine learning acceleration,
efficient CPU performance plus real-time processing and advanced security with integrated EdgeLock® secure enclave to support
energy-efficient Edge Computing.
i.MX 95 applications processors integrate up to six Arm Cortex®-A55 cores and are the first i.MX devices to support functional
safety with built-in Arm Cortex®-M33 which can be configured as a safety island. Optimizing performance and power efficiency for
Industrial, IoT and Automotive devices, i.MX 95 processors are built with NXP’s innovative Energy Flex architecture.
i.MX 95 applications processors offer a rich set of peripherals targeting automotive, industrial and commercial IoT market
segments. Part of the EdgeVerse™ portfolio of intelligent edge solutions, i.MX 95 family will be offered in Commercial, Industrial,
Extended Industrial and Automotive level qualification and backed by NXP’s product longevity program.
Table 1. Feature summary
Subsystem
Features
Arm Cortex-A55 MPCore platform
• 6x Arm Cortex-A55, up to 2.0 GHz frequency
• Arm v8.2 fully 64-bit capable
• 32 kB L1 instruction cache, 32 kB L1 data cache (per core, parity protected)
• 64 kB L2 cache (per core, ECC protected)
• 512 kB L3 cache (shared across all cores, ECC protected)
Arm Cortex-M7 platform
• 1x Cortex-M7, up to 800 MHz frequency
• Arm v8-M supporting Trustzone-M
• 512 kB TCM (Tightly Coupled Memory), sum of instruction and data
Arm Cortex-M33 platform
• 1x Cortex-M33, up to 333 MHz frequency
• Arm v8-M supporting Trustzone-M
• 16 kB instruction cache + 16 kB data cache (ECC)
• 512 kB TCM, sum of instruction and data
Memory
• 19 x 19 mm package: one x32 LPDDR interface (with inline ECC), operating at
up to 6400MT/s in LPDDR5 mode or 4266 MT/s in LPDDR4X mode.
• 15 x 15 mm package: one x32 LPDDR interface (with inline ECC), operating at
up to 4266 MT/s in LPDDR5 mode or 4000 MT/s in LPDDR4X mode.
• 3x uSDHC (SD3.0, SDIO3.0, eMMC5.1)
• 8x LPI2C
• 8x LPSPI
• 2x I3C
• 1x Octal SPI, including support for SPI NOR and SPI NAND memories
• FlexSPI_FLR
Tightly Coupled Memory
1492 kB total, consisting of:
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
2 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com