Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 35Page - NXP Semiconductors IMX95CEC Datasheet HTML 36Page - NXP Semiconductors IMX95CEC Datasheet HTML 37Page - NXP Semiconductors IMX95CEC Datasheet HTML 38Page - NXP Semiconductors IMX95CEC Datasheet HTML 39Page - NXP Semiconductors IMX95CEC Datasheet HTML 40Page - NXP Semiconductors IMX95CEC Datasheet HTML 41Page - NXP Semiconductors IMX95CEC Datasheet HTML 42Page - NXP Semiconductors IMX95CEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
Table 39. LVDS DC electrical characteristics...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
ISA ISB
Output short-
circuited to GND [1]
—
—
4.2
mA
—
—
ISAB
Output short
current [1]
—
—
4.2
mA
—
—
[1] This value is base on test.
4.5 I/O AC parameters
This section includes the AC parameters of the following I/O types:
• General Purpose I/O (GPIO)
• Double Data Rate I/O (DDR) for LPDDR5 and LPDDR4X modes
• LVDS I/O
The GPIO and DDR I/O load circuit and output transition time waveforms are shown in Figure 7 and Figure 8.
From Output
Under Test
Test Point
CL
CL includes package, probe and fixture capacitance
Figure 7. Load circuit for output
0V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)
Figure 8. Output transition time waveform
4.5.1 General purpose I/O (GPIO) AC parameters
Table 40. General purpose I/O (GPIO) AC parameters
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tR
TX rise time
3950
—
5950
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X1
—
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
39 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com