Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 2Page - NXP Semiconductors IMX95CEC Datasheet HTML 3Page - NXP Semiconductors IMX95CEC Datasheet HTML 4Page - NXP Semiconductors IMX95CEC Datasheet HTML 5Page - NXP Semiconductors IMX95CEC Datasheet HTML 6Page - NXP Semiconductors IMX95CEC Datasheet HTML 7Page - NXP Semiconductors IMX95CEC Datasheet HTML 8Page - NXP Semiconductors IMX95CEC Datasheet HTML 9Page - NXP Semiconductors IMX95CEC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
I.MX 95 PARTNUMBER NOMENCLATURE
Part Type
Sample
P
Mass Production
M
Special
S
Cortex-A Cores
6 Cores
6
4 Cores
4
FCBGA Package Type
15 x 15 mm, 0.5 mm pitch, no lid
VT
19 x 19 mm, 0.7mm pitch, lidded
VY6
19 x 19 mm, 0.7mm pitch, no lid
VZ
Temperature Qualification
Automotive:-40°C Ta to
125°C Tj
A
Industrial:-40°C Ta to 105°C Tj
C
Commercial: 0°C Ta to 95°C
Tj
D
ExtendedIndustrial:-40°C
Ta to 125°C Tj
X
Cortex-A55 CPU
Frequency
2.0 GHz 2
Q
1.8 GHz
N
Special Configuration5
SDP on USB1
A
SDP on USB2
B
Silicon Revision4
Rev 1.0 (A0)
A
Rev 2.0 (A1)
B
Rev 3.0 (B0)
C
Silicon Revision
Special Config
A-Core Freq
Reserved
Package
Temp. Qual.
A-Core Qty.
Segment
i.MX Family
Part
Type
C
A
N
X
VZ
A
6
9
IMX95
P
Packages3
Temp. Qual.
Safety
Enab2
Display
Interfaces
8
VPU
GPU
NPU
ISP
A-Cores Qty
Short Description
Segment
VT/VZ8
A/C/D8/X
6 / 4
Full Featured
/Vision
9
VT/VZ
A/X
6
Full Featured
/Vision + Safety
8
VT/VZ
A/C/D/X
6 / 4
HMI
5
VZ
A/X
6
HMI + Safety
4
VT/VZ
A/C/D/X
6 / 4
Compute
3
Part Numbers:Seefollowingslidesforlistofplannedpartsbyfamilysegment.Noteverycombinationof
package, temperature qualification, core count, and feature enablement is available.
1.
NXP compliant paid safety SW - ASIL-B (IMX95-DP-ASIL) for Auto qual or SIL2 (IMX9-DP-SIL) for Ext Ind
2.
Non-compliant building blocks for SIL available on all non-Auto PNs
-
°
°
3.
10Gb Ethernet is available on all VZ (19x19) packages but not VT (15x15) due to pin-mux restrictions.
-
4.
A0 is obsolete. A1 is shipping and supported until B0 is available. B0 is the production revision.
5.
See following slides for explanation.
6.
Lidded availability discussed on a case-by-case basis
7.
Some vision applications use the GPU, so consider Full Featured in that case
8.
2.0GHz A-Core frequency available in i.MX 95 19x19 package (VZ) with Commercial Qualification only and requires a
suitable thermal solution to maintain operating environment between 0°C Ta and 95°C Tj in Super Overdrive mode
-
8
8
ASIL-B
SIL21
ASIL-B
SIL2
1
HMI
6 / 4
A/C/D/X
VT/VZ
Figure 1. Part number nomenclature - i.MX 95
Table 2 shows the list of part numbers covered by this data sheet as of its publication. Please consult https://www.nxp.com/
products/i.MX95 for a current list of all part numbers.
Table 2. Orderable part numbers
Part
Number
Segm
ent
A-Cores Temp Qual Packa
ge
A-
Core
Freq
Speci
al
Config
Silico
n Rev
ISP
NPU
GPU
VPU
Display
MIMX9596
DVZXQAC
Full
6
Commercial 19x19
No Lid
2.0GH
z
SDP
on
USB1
B0
Y
Y
Y
Y
Y
MIMX9596
DVZXNAC
Full
6
Commercial 19x19
No Lid
1.8GH
z
SDP
on
USB1
B0
Y
Y
Y
Y
Y
MIMX9596
DVZXNBC
Full
6
Commercial 15x15
No lid
1.8GH
z
SDP
on
USB2
B0
Y
Y
Y
Y
Y
MIMX9596
DVTXNAC
Full
6
Commercial 15x15
No lid
1.8GH
z
SDP
on
USB1
B0
Y
Y
Y
Y
Y
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
6 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com