Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 45Page - NXP Semiconductors IMX95CEC Datasheet HTML 46Page - NXP Semiconductors IMX95CEC Datasheet HTML 47Page - NXP Semiconductors IMX95CEC Datasheet HTML 48Page - NXP Semiconductors IMX95CEC Datasheet HTML 49Page - NXP Semiconductors IMX95CEC Datasheet HTML 50Page - NXP Semiconductors IMX95CEC Datasheet HTML 51Page - NXP Semiconductors IMX95CEC Datasheet HTML 52Page - NXP Semiconductors IMX95CEC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
= 0, SAI_RCR4[FSP] = 0). If the polarity of the clock and/or the frame sync have been inverted, all the timings remain valid by
inverting the clock signal (SAI_BCLK) and/or the frame sync (SAI_FS) shown in the figures below.
The DSE[5:0] = 001111 and FSEL1[1:0] = 11 are required drive settings to meet the timing.
The SAI4 pins muxed with ENET2 and the SAI4 pins muxed with XSPI1 are mutually exclusive. It does not support a use case
where some SAI4 pins are connected to ENET2 and other SAI4 pins are simultaneously connected to XSPI1.
SAI5 is supported entirely on SD3 or entirely on XSPI1 (but not multiplexed across both XSPI1 and SD3 pins). SAI5 is also
supported with some pins on SD3 and others on XSPI1, as long as the non-data signals (SYNCs and/or BCLKs) are on the one
interface (SD3 or XSPI1), and all TX_DATA pins are on the one interface (SD3 or XSPI1), and all RX_DATA pins are on the one
interface (SD3 or XSPI1).
SAI2 is supported entirely on ENET pins (at up to maximum supported speeds). However, the SAI2 on XSPI1 pins are limited
to no more than 25 MHz – the faster 50 MHz Controller Tx and 66.67 MHz Target Rx modes are supported by the SAI2 only on
ENET2 pins.
4.9.1.1 SAI/I2S Controller mode timing (50 MHz)
To achieve 50 MHz for BCLK operation, clock must be set in feedback mode and TCR2[BCI] = 1 must be configured to enable it
for the transmitter.
Input timing assumes an input signal slew rate of 3 ns (20%/80%).
Output timing valid for maximum external load CL = 25 pF, which is assumed to be a 10-pF load at the end of a 50
ohm, unterminated, 5-inch microstrip trace on standard FR4 (3.3 pF/inch), (25-pF total with margin). For best signal integrity,
the series resistance in the transmission line should be equal to the selected RDSON of the I/O pad output driver.
Table 47. SAI/I2S Controller mode timing (50 MHz)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S1
SAI_MCLK cycle
time
20
—
—
ns
—
—
S2
SAI_MCLK pulse
width high/low
40%
—
60%
MCLK
period
—
—
S3
SAI_BCLK cycle
time
20
—
—
ns
—
—
S4
SAI_BCLK pulse
width high/low
40%
—
60%
BCLK
period
—
—
S5
SAI_BCLK to
SAI_FS output valid
—
—
3
ns
—
—
S6
SAI_BCLK to
SAI_FS output
invalid
-2
—
—
ns
—
—
S7
SAI_BCLK to
SAI_TXD valid
—
—
3
ns
—
—
S8
SAI_BCLK to
SAI_TXD invalid
-2
—
—
ns
—
—
S9
SAI_RXD/SAI_FS
input setup before
SAI_BCLK
3
—
—
ns
—
—
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
49 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com