Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 76 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 72Page - NXP Semiconductors IMX95CEC Datasheet HTML 73Page - NXP Semiconductors IMX95CEC Datasheet HTML 74Page - NXP Semiconductors IMX95CEC Datasheet HTML 75Page - NXP Semiconductors IMX95CEC Datasheet HTML 76Page - NXP Semiconductors IMX95CEC Datasheet HTML 77Page - NXP Semiconductors IMX95CEC Datasheet HTML 78Page - NXP Semiconductors IMX95CEC Datasheet HTML 79Page - NXP Semiconductors IMX95CEC Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 124 page
background image
4.11.4 RGMII inteface
This section describes the electrical characteristics for the RGMII interface.
4.11.4.1 RGMII DC Electrical Characteristics at (voltage rail) ≥ 1.8V
The timings assume the following configuration: CTL[5:0] = 001111 and SL[1:0] = 11. Measured as defined in EIA/JESD 8-6 1995
with a timing threshold voltage of VDDQ/2. Output timing valid for maximum external load CL = 15 pF, which is assumed to be a 10
pF load at the end of a 50 ohm, unterminated, 5-inch microstrip trace on standard FR4 (3.3 pF/inch), (15 pF total with margin). For
best signal integrity, the series resistance in the transmission line should be equal to the selected RDSON of the I/O pad output
driver. RGMII timing specifications are only valid for 1.8 V nominal I/O pad supply voltage. The following timing specifications meet
the requirements for RGMII interfaces for a range of transceiver device
Timing is valid for RGMII unless stated otherwise.
Table 82. RGMII Electrical Characteristics at (voltage rail) ≥ 1.8V
Symbol
Description
Min
Typ
Max
Unit
Condition
VIH
Input high voltage [1]
0.7 x
SUPPLY
—
—
V
—
VIL
Input low voltage [1]
—
—
0.3 x
SUPPLY
V
—
IIN
Input current (VIN=0 or VIN =
SUPPLY_IN) [2]
—
—
±50
μA
—
VOH
Output high voltage (SUPPLY =
min, IOH = -0.1 mA) [2]
SUPPLY
- 0.2
—
—
V
—
VOL
Output low voltage (SUPPLY =
min, IOL = 0.1 mA) [2]
—
—
0.2
V
—
[1] The min VIL and max VIH values are based on the respective min and max (supply) values found in Recommended Operating Conditions.
[2] The symbol (supply) represents the recommended operating voltage of the supply referenced in Recommended Operating Conditions.
4.11.4.2 RGMII AC Timing Specifications
Timing is valid for RGMII unless stated otherwise.
Table 83. RGMII AC Timing Specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tSKRGTTX
Data to clock
output skew (at
transmitter) [1]
-500
0
500
ps
—
—
tSKRGTRX
Data to clock input
skew (at receiver) [2]
1
—
2.6
ns
—
—
tRGT
Clock period
duration [3]
7.2
8
8.8
ns
—
—
tRGTHtRGT
Duty cycle for
10BASE-T and
100BASE-TX [3][4]
40
50
60
%
—
—
tRGTHtRGTgig
Duty cycle for
Gigabit
45
60
55
%
—
—
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
76 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com