Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 66 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 62Page - NXP Semiconductors IMX95CEC Datasheet HTML 63Page - NXP Semiconductors IMX95CEC Datasheet HTML 64Page - NXP Semiconductors IMX95CEC Datasheet HTML 65Page - NXP Semiconductors IMX95CEC Datasheet HTML 66Page - NXP Semiconductors IMX95CEC Datasheet HTML 67Page - NXP Semiconductors IMX95CEC Datasheet HTML 68Page - NXP Semiconductors IMX95CEC Datasheet HTML 69Page - NXP Semiconductors IMX95CEC Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 124 page
background image
Table 69. uSDHC AC SDR104...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tRISE/tFALL
Clk Rise/Fall Time
(ns)
—
—
1
ns
Low drive mode
—
—
Duty cycle distortion —
—
0.45
ns
Low drive mode
—
tNIKHOX
Master output hold
time (ns)
1.35
—
—
ns
Low drive mode
—
tNIKHOV
Master output delay
(ns)
—
—
5
ns
Low drive mode
—
tIDV
Input data window
(UI)
0.5
—
—
UI
Low drive mode
—
SD_CLK
SD_CMD/
SD_DAT input
SD_CMD/SD_CMD_DIR
SD_DAT/SD_DATn_DIR
output
Tclk
TIDV
TNIKHOV
TNIKHOX
Figure 26. uSDHC AC SDR104 timing
4.11.1.7 uSDHC SDR HS 200 AC timing
Table 70. uSDHC SDR HS 200 AC timing
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Fsck
Max. Frequency
(MHz)
—
—
200
MHz
Nominal and Overdrive
mode
—
tRISE/TFALL
Clk Rise/Fall Time
(ns)
—
—
1
ns
Nominal and Overdrive
mode
—
—
Duty Cycle Distortion —
—
0.3
ns
Nominal and Overdrive
mode
—
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
66 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com