Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 39Page - NXP Semiconductors IMX95CEC Datasheet HTML 40Page - NXP Semiconductors IMX95CEC Datasheet HTML 41Page - NXP Semiconductors IMX95CEC Datasheet HTML 42Page - NXP Semiconductors IMX95CEC Datasheet HTML 43Page - NXP Semiconductors IMX95CEC Datasheet HTML 44Page - NXP Semiconductors IMX95CEC Datasheet HTML 45Page - NXP Semiconductors IMX95CEC Datasheet HTML 46Page - NXP Semiconductors IMX95CEC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
4.6 Differential I/O output buffer impedance
The Differential CCM interface is designed to be compatible with TIA/EIA 644-A standard. See
TIA/EIA STANDARD 644-A,
Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits (2001) for details.
4.7 System modules timing
This section contains the timing and electrical parameters for the modules in each i.MX 95 processor.
4.7.1 Reset timings parameters
The following figure shows the reset timing and table lists the timing parameters.
Table 42. Reset timings parameters
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
CC1
Duration of POR_B
to be qualified as
valid. Note: POR_B
rise/fall times must
be 400 uS or less.
1
—
—
RTC_XT
ALI cycle
—
—
POR_B
(Input)
CC1
Figure 10. Reset timing diagram
4.7.2 JTAG timing parameters
The DSE[5:0] = 001111 and FSEL1[1:0] = 11 are required drive settings to meet the timing.
Following table lists signal parameters.
Table 43. JTAG timing parameters
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
SJ0
JTAG_TCK
frequency of
operation [1][2][3][4]
—
—
50
MHz
—
—
SJ1
JTAG_TCK cycle
time in crystal
mode [1][2]
20
—
—
ns
—
—
SJ2
JTAG_TCK clock
pulse width
10
—
—
ns
—
—
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
43 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com