Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 46 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 42Page - NXP Semiconductors IMX95CEC Datasheet HTML 43Page - NXP Semiconductors IMX95CEC Datasheet HTML 44Page - NXP Semiconductors IMX95CEC Datasheet HTML 45Page - NXP Semiconductors IMX95CEC Datasheet HTML 46Page - NXP Semiconductors IMX95CEC Datasheet HTML 47Page - NXP Semiconductors IMX95CEC Datasheet HTML 48Page - NXP Semiconductors IMX95CEC Datasheet HTML 49Page - NXP Semiconductors IMX95CEC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 124 page
background image
Table 44. SWD timing parameters...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S3
Input data setup time 5
—
—
ns
—
—
S4
Input data hold time 5
—
—
ns
—
—
S5
Output data valid
time
—
—
14
ns
—
—
S6
Output high
impedance time
—
—
14
ns
—
—
S7
Output data invalid
time
0
—
—
ns
—
—
Input timing assumes an input signal slew rate of 3 ns (20%/80%).
Timing valid for maximum external load CL = 25 pF, which is assumed to be a 10 pF load at the end of a 50 Ω , unterminated,
5-inch microstrip trace on standard FR4 (3.3 pF/inch), (25 pF total with margin). For best signal integrity, the series resistance in
the transmission line can be equal to the selected RDSON of the I/O pad output.
Following figure depicts the SWD timing.
SWD_CLK (input)
SWD_DIO (input)
S1
S2
S2
S4
S5
S6
S3
SWD_DIO (output)
SWD_DIO (output)
S7
Figure 14. SWD timing
4.7.4 DDR SDRAM–specific parameters (LPDDR5/LPDDR4X)
The i.MX95 Family of processors have been designed and tested to work with JEDEC JESD209—compliant LPDDR5/
LPDDR4X memory.
• JEDEC LPDDR4X Specification JESD209-4C, November 2019
• JEDEC LPDDR5 Specification JESD209-5A, January 2020
Timing diagrams and tolerances required to work with these memories are specified in the respective documents and are not
reprinted here.
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
46 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com