Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 9Page - NXP Semiconductors IMX95CEC Datasheet HTML 10Page - NXP Semiconductors IMX95CEC Datasheet HTML 11Page - NXP Semiconductors IMX95CEC Datasheet HTML 12Page - NXP Semiconductors IMX95CEC Datasheet HTML 13Page - NXP Semiconductors IMX95CEC Datasheet HTML 14Page - NXP Semiconductors IMX95CEC Datasheet HTML 15Page - NXP Semiconductors IMX95CEC Datasheet HTML 16Page - NXP Semiconductors IMX95CEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
Table 10. i.MX 95 chip-level conditions...continued
For these characteristics, …
Topic appears …
Operating ranges
See Operating ranges
Clock sources
See Clock source
Power modes
See Power modes
Power supplies requirements and restrictions
See Power supplies requirements and restrictions
4.1.1 Absolute maximum ratings
CAUTION: Stresses beyond those listed in the following table may reduce the operating lifetime or cause immediate permanent
damage to the device. The table below does not imply functional operation beyond those indicated in the operating ranges and
parameters table.
Table 11. Absolute maximum ratings
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_ARM
Core supplies input
voltages
-0.3
—
1.12
V
—
—
VDD_SOC
Core supplies input
voltages
-0.3
—
1.08
V
—
—
NVCC_SD2
IO supply for SD2
-0.3
—
3.96
V
—
—
VDD2H_DDR
DDR I/O supply
voltage
-0.3
—
1.32
V
—
—
VDDQ_DDR
DDR I/O supply
voltage
-0.3
—
0.72
V
—
—
VDD_DDR_0P8
DDR I/O supply
voltage
-0.3
—
0.96
V
—
—
NVCC_CCM_DAP
CCM supply
voltage [1]
-0.3
—
3.96
V
—
—
NVCC_BBSM_1P8 IO supply and IO
Pre-driver supply for
BBSM bank
-0.3
—
2.16
V
—
—
USB1_VBUS,
USB2_VBUS
USB VBUS input
detected
-0.3
—
3.96
V
—
—
VDD_USB_0P8
Power for USB OTG
PHY
-0.3
—
0.96
V
—
—
VDD_USB_1P8
Power for USB OTG
PHY
-0.3
—
2.16
V
—
—
VDD_USB_3P3
Power for USB OTG
PHY
-0.3
—
3.96
V
—
—
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
13 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com