Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 5Page - NXP Semiconductors IMX95CEC Datasheet HTML 6Page - NXP Semiconductors IMX95CEC Datasheet HTML 7Page - NXP Semiconductors IMX95CEC Datasheet HTML 8Page - NXP Semiconductors IMX95CEC Datasheet HTML 9Page - NXP Semiconductors IMX95CEC Datasheet HTML 10Page - NXP Semiconductors IMX95CEC Datasheet HTML 11Page - NXP Semiconductors IMX95CEC Datasheet HTML 12Page - NXP Semiconductors IMX95CEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
| NXP | Confidential
1
Application Domain
Real-Time Domain
Memory
x32 LPDDR5/LPDDR4X
(Inline ECC & Encryption)
MCU
Arm® Cortex-M7
FPU
512kB TCM (ECC)
NVIC
32kB + 32kB
I / D Cache
MPU
Low-Power Real Time Domain
System Control
EdgeLock® Secure Enclave
Watchdog, Periodic Timer
Connectivity & I/O
Temperature Sensor
Timer/PWM x2, Timer x2
DMA
System/Safety Manager
Arm Cortex -M33
FPU
512kB TCM/OCRAM (ECC)
NVIC
16kB + 16kB Cache
MPU
UART/USART x2, SPI x2
I2C x2, CAN -FD
8-ch PDM Mic Input
2-lane I2S TDM Tx/Rx
Medium Quality Sound Output
Flex Domain
Connectivity & I/O
UART/USART x6
I2C x6
4x CAN-FD
2x 32-bit FlexIO
ADC (8-channel, 12 -bit)
System Control
DMA x2
Timer/PWM
Secure JTAG
Watchdog x3, Periodic Timer
ML & Multimedia
Arm® Mali™ 3D GPU + 2D GPU
2x MIPI-CSI 4-lane (1 mux w/DSI)
15-lane I2S TDM Tx/Rx
SPDIF Tx/Rx
1x MIPI-DSI 4-lane (w/PHY)
High Speed I/O
3x SD / SDIO3.0 / eMMC5.1
Octal SPI FLASH (inline crypto)
1492kB OCRAM (ECC)
4K Video Processing Unit
Image Signal Processor
XSPI responder
eIQ® Neutron N3 -1024S NPU
2x 4-lane or 1x 8 -lane LVDS
Multi-Core CPU
Coherent 512kB L3 Cache (ECC)
USB 3.0 + USB 2.0
2x 1 GbE (w/TSN)
2x PCIe® Gen 3.0 x12
10 GbE (w/TSN)2
Crypto
Tamper
Detection
Secure Clock
Secure Boot
eFuse Key
Storage
Random
Number
Arm® Cortex-A55
FPU
NEON
64kB
L2 Cache
32kB
i-Cache
32kB
d-Cache
SPI x6
x6
Figure 3. i.MX 95 system block diagram
Note:
1. Above figure represents 19 x 19 mm package.
2. 15 x 15 mm package supports 1 PCIe and does not have 10 GbE.
3. Some modules shown in this block diagram are not offered on all derivatives.
3 Special Signal Considerations
Table 3 lists special signal considerations for the i.MX 95 processors. The signal names are listed in alphabetical order.
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
9 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com