Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 36 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 32Page - NXP Semiconductors IMX95CEC Datasheet HTML 33Page - NXP Semiconductors IMX95CEC Datasheet HTML 34Page - NXP Semiconductors IMX95CEC Datasheet HTML 35Page - NXP Semiconductors IMX95CEC Datasheet HTML 36Page - NXP Semiconductors IMX95CEC Datasheet HTML 37Page - NXP Semiconductors IMX95CEC Datasheet HTML 38Page - NXP Semiconductors IMX95CEC Datasheet HTML 39Page - NXP Semiconductors IMX95CEC Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
4.3 PLL electrical characteristics
Following sections introduce the Fractional-N (FracN) Phase-Locked Loops (PLL) and Low Noise PLL electrical
characteristics.
4.3.1 Fracn PLL
Table 34. Fracn PLL
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TLock
PLL lock time
-
-
100
µS
—
—
Fout
Output Clock
Frequency [1]
9.8M
—
2.5G
Hz
—
—
FPLL_MOD
SSCG modulation
frequency
30
-
64
kHz
@40MHz and 50MHz
ref clk
—
ΔFPLL_MOD
SSCG modulation
depth
-4*Fref*pf
d
—
—
Hz
Down Spread
—
[1] This specification is PLL input reference clock frequency after pre-divider.
4.3.2 Low Noise PLL
Table 35. Low Noise PLL
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TLock
PLL lock time
—
—
100
µs
—
—
FPLL_MOD
SSCG modulation
frequency
30
—
64
KHz
at Fref_pfd < 40 MHz
—
ΔFPLL_MOD
SSCG modulation
depth
-4*Fref*pf
d
—
—
Hz
Down Spread
—
4.4 I/O DC parameters
This section includes the DC parameters of the following I/O types:
• General Purpose I/O (GPIO)
• Double Data Rate I/O (DDR) for LPDDR5 and LPDDR4X modes
• LVDS I/O
4.4.1 General purpose I/O (GPIO) DC parameters
The following tables show the DC parameters for GPIO pads. The parameters are guaranteed per the operating ranges
table, unless otherwise noted.
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
36 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com