Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 22Page - NXP Semiconductors IMX95CEC Datasheet HTML 23Page - NXP Semiconductors IMX95CEC Datasheet HTML 24Page - NXP Semiconductors IMX95CEC Datasheet HTML 25Page - NXP Semiconductors IMX95CEC Datasheet HTML 26Page - NXP Semiconductors IMX95CEC Datasheet HTML 27Page - NXP Semiconductors IMX95CEC Datasheet HTML 28Page - NXP Semiconductors IMX95CEC Datasheet HTML 29Page - NXP Semiconductors IMX95CEC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 124 page
background image
Table 22. Operating ranges...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_AUD_1P8
1.8 V supply for
audio transceiver
1.71
1.8
1.89
V
—
—
VDD2H_DDR
Voltage supply for
LPDDR5/LPDDR4X
PHY, LPDDR5 mode
1.01
1.05
1.12
V
—
—
VDD2H_DDR
Voltage supply for
LPDDR5/LPDDR4X
I/O, LPDDR4X mode
1.06
1.1
1.17
V
—
—
VDDQ_DDR
Voltage supply for
LPDDR5/4X I/O,
LPDDR5 Mode,
ODT enabled or
disabled
0.47
0.5
0.57
V
—
—
VDDQ_DDR
Voltage supply for
LPDDR5/4X I/O,
LPDDR4X Mode
0.57
0.6
0.65
V
—
—
NVCC_AON,
NVCC_SD2,
NVCC_GPIO,
NVCC_GPIO_LD,
NVCC_WAKEUP,
NVCC_CCM_DAP,
NVCC_ENET
Power supply for
GPIO when it is in
1.8 V mode
1.65
1.8
1.95
V
—
—
NVCC_AON,
NVCC_SD2,
NVCC_GPIO,
NVCC_GPIO_LD,
NVCC_WAKEUP,
NVCC_CCM_DAP,
NVCC_ENET
Power supply for
GPIO when it is in
3.3 V mode
3
3.3
3.45
V
—
—
[1] Voltages > Vtyp x 1.05 but < Vmax are only supported if using a PMIC supporting Automatic Voltage Positioning (AVP).
[2] When SoC in a low power state, it can save more power when configuring PMIC to turn VDD_ARM off vs having the PMIC continue to supply VDD_ARM and
rely on the on-die powergating around the CORTEXAMIX components.
4.1.7 Temperature ranges specifications
Table 23. Temperature ranges specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Tj
Junction
temperature—
Commercial [1][2]
0
—
95
°C
—
—
Ta
Ambient temperature
—Commercial [2]
0
—
—
°C
—
—
[1] Tj minimum temperature supported at startup where Tj = Ta.
[2] See the application note, i.MX 95 Product Lifetime Usage Estimates for information on product lifetime (power-on hours) for this processor.
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
26 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com