Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer
PDF  782 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 163Page - Renesas Technology Corp SH7124 Datasheet HTML 164Page - Renesas Technology Corp SH7124 Datasheet HTML 165Page - Renesas Technology Corp SH7124 Datasheet HTML 166Page - Renesas Technology Corp SH7124 Datasheet HTML 167Page - Renesas Technology Corp SH7124 Datasheet HTML 168Page - Renesas Technology Corp SH7124 Datasheet HTML 169Page - Renesas Technology Corp SH7124 Datasheet HTML 170Page - Renesas Technology Corp SH7124 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 782 page
background image
Section 8 Bus State Controller (BSC)
Rev. 3.00 Sep. 27, 2007 Page 147 of 758
REJ09B0243-0300
Section 8 Bus State Controller (BSC)
The bus state controller (BSC) controls data transmission and reception between the internal buses
(L bus, I bus, and peripheral bus) and also controls the CPU’s access to the on-chip FLASH, on-
chip RAM, and on-chip peripheral I/O.
8.1
Features
• On-chip FLASH and RAM interface
 32-bit data access per one clock cycle (I φ synchronous)
8.2
Address Map
The address map is listed in table 8.1.
Table 8.1
Address Map
Size
Address
Type of Memory
128 Kbytes
Version
64 Kbytes
Version
32 Kbytes
Version
Bus
Width
H'00000000 to H'00007FFF
32 Kbytes
H'00008000 to H'0000FFFF
64 Kbytes
H'00010000 to H'0001FFFF
On-chip FLASH
128 Kbytes
Reserved
Reserved
32
H'00020000 to H'83FFFFFF
Reserved
H'84000000 to H'84007FFF
32 Kbytes
H'84008000 to H'8400FFFF
64 Kbytes
H'84010000 to H'8401FFFF
On-chip FLASH
programming area
128 Kbytes
Reserved
Reserved
8
H'84020000 to H'FFFF9FFF
Reserved
H'FFFFA000 to H'FFFFBFFF
On-chip RAM
8 Kbytes
8 Kbytes
8 Kbytes
32
H'FFFFC000 to H'FFFFFFFF
On-chip peripheral
I/O
8/16
8.3
Access to on-chip FLASH and on-chip RAM
Access to the on-chip FLASH for read is synchronized with I
φ clock and is executed in one clock
cycle. For details on programming and erasing, see section 17, Flash Memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com