Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 33Page - NXP Semiconductors SLRC400 Datasheet HTML 34Page - NXP Semiconductors SLRC400 Datasheet HTML 35Page - NXP Semiconductors SLRC400 Datasheet HTML 36Page - NXP Semiconductors SLRC400 Datasheet HTML 37Page - NXP Semiconductors SLRC400 Datasheet HTML 38Page - NXP Semiconductors SLRC400 Datasheet HTML 39Page - NXP Semiconductors SLRC400 Datasheet HTML 40Page - NXP Semiconductors SLRC400 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
37
Preliminary
5.2.3.8
PreSet17 Register
Name: PreSet17
Address: 0x17
Reset value: 00000000, 0x00
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Note: These values shall not be changed !
5.2.4
PAGE 3: RECEIVER AND DECODER CONTROL
5.2.4.1
Page Register
Selects the register page. See 5.2.1.1 Page Register.
5.2.4.2
RxControl1 Register
controls receiver behaviour.
Name: RxControl1
Address: 0x19
Reset value: 10001011, 0x8B
7
6
5
4
3
2
1
0
1
0
0
0
1
0
Gain
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7-2
100010
These values shall not be changed
1-0
Gain
This register defines the receivers signal voltage gain factor:
00: 27 dB
01: 30 dB
10: 38 dB
11: 42 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com