Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 8Page - NXP Semiconductors SLRC400 Datasheet HTML 9Page - NXP Semiconductors SLRC400 Datasheet HTML 10Page - NXP Semiconductors SLRC400 Datasheet HTML 11Page - NXP Semiconductors SLRC400 Datasheet HTML 12Page - NXP Semiconductors SLRC400 Datasheet HTML 13Page - NXP Semiconductors SLRC400 Datasheet HTML 14Page - NXP Semiconductors SLRC400 Datasheet HTML 15Page - NXP Semiconductors SLRC400 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
12
Preliminary
4
PARALLEL INTERFACE
4.1
Overview of Supported µ-Processor Interfaces
The SL RC400 supports direct interfacing of various µ-Processor. Alternatively the Enhanced Parallel Port
(EPP) of personal computers can be connected directly.
The following table shows the parallel interface signals supported by the SL RC400:
Bus Control Signals
Bus
Separated Address and Data Bus
Multiplexed Address and Data Bus
control
NRD, NWR, NCS
NRD, NWR, NCS, ALE
address
A0, A1, A2
AD0, AD1, AD2, (AD3, AD4, AD5)
Separated Read and Write
Strobes
data
D0 … D7
AD0 … AD7
control
R/NW, NDS, NCS
R/NW, NDS, NCS, AS
address
A0, A1, A2
AD0, AD1, AD2, (AD3, AD4, AD5)
Common Read and Write
Strobe
data
D0 … D7
AD0 … AD7
control
nWrite, nDStrb, NCS, nAStrb, nWait
address
AD0, AD1, AD2, (AD3, AD4, AD5)
Common Read and Write
Strobe with Handshake
(EPP)
data
-
AD0 … AD7
Table 4-1: Supported µ-Processor Interface Signals
4.2
Automatic µ-Processor Interface Type Detection
After each Power-On or Hard Reset, the SL RC400 also resets its parallel µ-Processor interface mode and
checks the current µ-Processor interface type.
The SL RC400 identifies the µ-Processor interface by means of the logic levels on the control pins after the
Reset Phase. This is done by a combination of fixed pin connections (see below) and a dedicated
initialisation routine (see 11.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com