Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 2Page - NXP Semiconductors SLRC400 Datasheet HTML 3Page - NXP Semiconductors SLRC400 Datasheet HTML 4Page - NXP Semiconductors SLRC400 Datasheet HTML 5Page - NXP Semiconductors SLRC400 Datasheet HTML 6Page - NXP Semiconductors SLRC400 Datasheet HTML 7Page - NXP Semiconductors SLRC400 Datasheet HTML 8Page - NXP Semiconductors SLRC400 Datasheet HTML 9Page - NXP Semiconductors SLRC400 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
6
Preliminary
1
GENERAL INFORMATION
1.1
Scope
This document describes the functionality of the SL RC400. It includes the functional and electrical
specifications and gives details on how to design-in this device from system and hardware viewpoint.
1.2
General Description
The SL RC400 is member of a new family of highly integrated reader ICs for contactless communication at
13.56 MHz. This new reader IC family utilises an outstanding modulation and demodulation concept
completely integrated for all kinds of passive contactless communication methods and protocols at
13.56 MHz.
The SL RC400 supports all layers of I
•CODE1 and ISO 15693.
The internal transmitter part is able to drive an antenna designed for proximity operating distance (up to
100 mm) directly without additional active circuitry.
The receiver part provides a robust and efficient implementation of a demodulation and decoding circuitry for
signals from I
•CODE1 and ISO 15693 compatible transponders.
The digital part handles I
•CODE1 and ISO 15693 framing and error detection (CRC).
A comfortable parallel interface which can be directly connected to any 8-bit µ-Processor gives high flexibility
for the reader/terminal design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com