Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 72Page - NXP Semiconductors SLRC400 Datasheet HTML 73Page - NXP Semiconductors SLRC400 Datasheet HTML 74Page - NXP Semiconductors SLRC400 Datasheet HTML 75Page - NXP Semiconductors SLRC400 Datasheet HTML 76Page - NXP Semiconductors SLRC400 Datasheet HTML 77Page - NXP Semiconductors SLRC400 Datasheet HTML 78Page - NXP Semiconductors SLRC400 Datasheet HTML 79Page - NXP Semiconductors SLRC400 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
76
Preliminary
Example:
CoderRate = 0x05 (~52.97kHz)
For I
•CODE1 standard mode the interval should be 8.458ms
->TimeSlotPeriod = CoderRate * interval = 52.97kHz * 8.458ms –1 = 447 (447 = 0x1BF)
Note: The MSB of the TimeSlotPeriod is in the SIGOUTSelect register see 5.2.5.7
Command
Quit1
Quit2
Response1
Response2
TSP1
TSP2
Command
Quit1
Quit2
Response1
Response2
TSP1
TSP2
TimeSlotPeriod for TSP1
TimeSlotPeriod for TSP2
I
•CODE1 Standard Mode
0xBF
0x1BF
I
•CODE1 Fast Mode
0x5F
0x67
Note: The MSB of the TimeSlotPeriod is in the SIGOUTSelect register see 5.2.5.7
Note: It is strictly recommended that bit TxCRCEn is set to 0 (see 5.2.5.3) before the Quit-Frame is sent. If
the TxCRCEn is not set to 0 a CRC value is calculated and sent with the Quit-Frame.
To calculate the Quit value a CRC8 algorithm has to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com