Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 15Page - NXP Semiconductors SLRC400 Datasheet HTML 16Page - NXP Semiconductors SLRC400 Datasheet HTML 17Page - NXP Semiconductors SLRC400 Datasheet HTML 18Page - NXP Semiconductors SLRC400 Datasheet HTML 19Page - NXP Semiconductors SLRC400 Datasheet HTML 20Page - NXP Semiconductors SLRC400 Datasheet HTML 21Page - NXP Semiconductors SLRC400 Datasheet HTML 22Page - NXP Semiconductors SLRC400 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
19
Preliminary
5.2
Register Description
5.2.1
PAGE 0: COMMAND AND STATUS
5.2.1.1
Page Register
Selects the register page.
Name: Page
Address: 0x00, 0x08, 0x10, 0x18,
0x20, 0x28, 0x30, 0x38
Reset value: 10000000, 0x80
7
6
5
4
3
2
1
0
UsePage
Select
0
0
0
0
PageSelect
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7
UsePageSelect
If set to 1, the value of PageSelect is used as register address A5, A4, and A3.
The LSBbits of the register address are defined by the address pins or the internal
address latch, respectively.
If set to 0, the whole content of the internal address latch defines the register
address. The address pins are used as described in Table 4-2.
6-3
0000
Reserved for future use.
2-0
PageSelect
The value of PageSelect is used only if UsePageSelect is set to 1. In this case, it
specifies the register page (which is A5, A4, and A3 of the register address).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com