Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 65Page - NXP Semiconductors SLRC400 Datasheet HTML 66Page - NXP Semiconductors SLRC400 Datasheet HTML 67Page - NXP Semiconductors SLRC400 Datasheet HTML 68Page - NXP Semiconductors SLRC400 Datasheet HTML 69Page - NXP Semiconductors SLRC400 Datasheet HTML 70Page - NXP Semiconductors SLRC400 Datasheet HTML 71Page - NXP Semiconductors SLRC400 Datasheet HTML 72Page - NXP Semiconductors SLRC400 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
69
Preliminary
8
INTERRUPT REQUEST SYSTEM
8.1
Overview
The SL RC400 indicates certain events by setting bit IRq in the PrimaryStatus-Register and, in addition, by
activating pin IRQ. The signal on pin IRQ may be used to interrupt the µ-Processor using its interrupt
handling capabilities. This allows the implementation of efficient µ-Processor software.
8.1.1
INTERRUPT SOURCES OVERVIEW
The following table shows the integrated interrupt flags, the related source and the condition for its setting.
The interrupt flag TimerIRq indicates an interrupt set by the timer unit. The setting is done when the timer
decrements from 1 either down to zero (TAutoRestart flag disabled) or to the TPreLoad value if TAutoRestart
is enabled.
The TxIRq bit indicates interrupts from different sources. If the transmitter is active and the state changes
from sending data to transmitting the end of frame pattern, the transmitter unit sets automatically the interrupt
bit. The CRC coprocessor sets TxIRq after having processed all data from the FIFO buffer. This is indicated
by the flag CRCReady = 1. If the E
2Prom programming has finished the TxIRq bit is set, indicated by the bit
E2Ready = 1.
The RxIRq flag indicates an interrupt when the end of the received data is detected.
The flag IdleIRq is set if a command finishes and the content of the command register changes to idle.
The flag HiAlertIRq is set to 1 if the HiAlert bit is set to one, that means the FIFO buffer has reached the level
indicated by the bit WaterLevel, see chapter 7.4.
The flag LoAlertIRq is set to 1 if the LoAlert bit is set to one, that means the FIFO buffer has reached the
level indicated by the bit WaterLevel, see chapter 7.4.
Interrupt Flag
Interrupt Source
Is set automatically, when
TimerIRq
Timer Unit
the timer counts from 1 to 0
Transmitter
a data stream, transmitted to the label, ends
TxIRq
CRC-Coprocessor
all data from the FIFO buffer has been processed
RxIRq
Receiver
a data stream, received from the label, ends
IdleIRq
Command Register
a command execution finishes
HiAlertIRq
FIFO-buffer
the FIFO-buffer is getting full
LoAlertIRq
FIFO-buffer
the FIFO-buffer is getting empty
Table 8-1: Interrupt Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com