Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 81Page - NXP Semiconductors SLRC400 Datasheet HTML 82Page - NXP Semiconductors SLRC400 Datasheet HTML 83Page - NXP Semiconductors SLRC400 Datasheet HTML 84Page - NXP Semiconductors SLRC400 Datasheet HTML 85Page - NXP Semiconductors SLRC400 Datasheet HTML 86Page - NXP Semiconductors SLRC400 Datasheet HTML 87Page - NXP Semiconductors SLRC400 Datasheet HTML 88Page - NXP Semiconductors SLRC400 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
85
Preliminary
13.2.1 ANTENNA DRIVER OUTPUT SOURCE RESISTANCE
The output source conductance of TX1 and TX2 for driving a HIGH level may be adjusted via the value
GsCfgCW in the CwConductance Register in the range from about 1 up to 100 Ohm. The values given are
relative to the reference resistance Rsrel, that is measured during production test and stored in the SL RC400
E²PROM. It can be obtained from the Product Information Field (see chapter 6.2).
The electrical specification can be found in chapter 19.4.3.
13.2.1.1 Source Resistance Table
GsConfCW
EXPGsConfCW
MANTGsConfCW
Rsrel
GsConfCW
EXPGsConfCW
MANTGsConfCW
Rsrel
0
0
0
8
24
1
8
0,0652
16
1
0
8
25
1
9
0,0580
32
2
0
8
37
2
5
0,0541
48
3
0
8
26
1
A
0,0522
1
0
1
1,0000
27
1
B
0,0474
17
1
1
0,5217
51
3
3
0,0467
2
0
2
0,5000
38
2
6
0,0450
3
0
3
0,3333
28
1
C
0,0435
33
2
1
0,2703
29
1
D
0,0401
18
1
2
0,2609
39
2
7
0,0386
4
0
4
0,2500
30
1
E
0,0373
5
0
5
0,2000
52
3
4
0,0350
19
1
3
0,1739
31
1
F
0,0348
6
0
6
0,1667
40
2
8
0,0338
7
0
7
0,1429
41
2
9
0,0300
49
3
1
0,1402
53
3
5
0,0280
34
2
2
0,1351
42
2
A
0,0270
20
1
4
0,1304
43
2
B
0,0246
8
0
8
0,1250
54
3
6
0,0234
9
0
9
0,1111
44
2
C
0,0225
21
1
5
0,1043
45
2
D
0,0208
10
0
A
0,1000
55
3
7
0,0200
11
0
B
0,0909
46
2
E
0,0193
35
2
3
0,0901
47
2
F
0,0180
22
1
6
0,0870
56
3
8
0,0175
12
0
C
0,0833
57
3
9
0,0156
13
0
D
0,0769
58
3
A
0,0140
23
1
7
0,0745
59
3
B
0,0127
14
0
E
0,0714
60
3
C
0,0117
50
3
2
0,0701
61
3
D
0,0108
36
2
4
0,0676
62
3
E
0,0100
15
0
F
0,0667
63
3
F
0,0093
Table 13-3: Source Resistance of n-Channel Driver Transistor of TX1 and TX2 vs. GsConfCW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com