Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 18Page - NXP Semiconductors SLRC400 Datasheet HTML 19Page - NXP Semiconductors SLRC400 Datasheet HTML 20Page - NXP Semiconductors SLRC400 Datasheet HTML 21Page - NXP Semiconductors SLRC400 Datasheet HTML 22Page - NXP Semiconductors SLRC400 Datasheet HTML 23Page - NXP Semiconductors SLRC400 Datasheet HTML 24Page - NXP Semiconductors SLRC400 Datasheet HTML 25Page - NXP Semiconductors SLRC400 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
22
Preliminary
5.2.1.4
PrimaryStatus Register
Status flags of the receiver, transmitter and the FIFO buffer.
Name: PrimaryStatus
Address: 0x03
Reset value: 00000001, 0x01
7
6
5
4
3
2
1
0
0
ModemState
IRq
Err
HiAlert
LoAlert
Access
Rights
r
r
r
r
r
r
r
r
Description of the bits
Bit
Symbol
Function
7
0
Reserved for future use.
ModemState shows the state of the transmitter and receiver state machines.
State
Name of State
Description
000
Idle
Neither the transmitter nor the receiver is in operation,
since none of them is started or
since none of them has got input data.
001
TxSOF
Transmitting the ‘Start Of Frame’ Pattern.
010
TxData
Transmitting data from the FIFO buffer (or redundancy
check bits).
011
TxEOF
Transmitting the ‘End Of Frame’ Pattern.
GoToRx1
Mean-State passed, when receiver starts.
100
GoToRx2
Mean-State passed, when receiver finishes.
101
PrepareRx
Waiting until the time period selected in the RxWait
Register has expired.
110
AwaitingRx
Receiver activated; Awaiting an input signal at pin Rx.
6-4
ModemState
111
Receiving
Receiving data.
3
IRq
This bit shows, if any interrupt source requests attention (with respect to the
setting of the interrupt enable flags in the InterruptEn Register).
2
Err
This bit is set to 1, if any error flag in the ErrorFlag Register is set.
1
HiAlert
Is set to 1, when the number of bytes stored in the FIFO buffer fulfil the following
equation:
WaterLevel
FIFOLength
HiAlert
≤
−
=
)
64
(
Example:
FIFOLength=60, WaterLevel=4
⇒ HiAlert =1
FIFOLength=59, WaterLevel=4
⇒ HiAlert =0
0
LoAlert
Is set to 1, when the number of bytes stored in the FIFO buffer fulfil the following
equation:
WaterLevel
FIFOLength
LoAlert
≤
=
Example:
FIFOLength=4, WaterLevel=4
⇒ LoAlert =1
FIFOLength=5, WaterLevel=4
⇒ LoAlert =0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com