Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 91Page - NXP Semiconductors SLRC400 Datasheet HTML 92Page - NXP Semiconductors SLRC400 Datasheet HTML 93Page - NXP Semiconductors SLRC400 Datasheet HTML 94Page - NXP Semiconductors SLRC400 Datasheet HTML 95Page - NXP Semiconductors SLRC400 Datasheet HTML 96Page - NXP Semiconductors SLRC400 Datasheet HTML 97Page - NXP Semiconductors SLRC400 Datasheet HTML 98Page - NXP Semiconductors SLRC400 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
95
Preliminary
16
SL RC400 COMMAND SET
16.1
General Description
The SL RC400 behaviour is determined by an internal state machine that is capable to perform a certain set
of commands. These commands are started by writing the according command-code to the Command-
Register.
Arguments and/or data necessary to process a command are exchanged via the FIFO buffer.
16.2
General Behaviour
•
Each command, that needs a data stream (or data byte stream) as input will immediately process the
data it finds in the FIFO buffer.
•
Each command, that needs a certain number of arguments will start processing only when it has
received the correct number of arguments via the FIFO buffer.
•
The FIFO buffer is not cleared automatically at command start. Therefore, it is also possible to write the
command arguments and/or the data bytes into the FIFO buffer and start the command afterwards.
•
Each command (except the StartUp-Command) may be interrupted by the µ-Processor by writing a new
command code into the Command-Register e.g.: the Idle-Command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com