Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 37Page - NXP Semiconductors SLRC400 Datasheet HTML 38Page - NXP Semiconductors SLRC400 Datasheet HTML 39Page - NXP Semiconductors SLRC400 Datasheet HTML 40Page - NXP Semiconductors SLRC400 Datasheet HTML 41Page - NXP Semiconductors SLRC400 Datasheet HTML 42Page - NXP Semiconductors SLRC400 Datasheet HTML 43Page - NXP Semiconductors SLRC400 Datasheet HTML 44Page - NXP Semiconductors SLRC400 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
41
Preliminary
5.2.4.7
RxControl2 Register
controls decoder behaviour and defines the input source for the receiver.
Name:RxControl2
Address: 0x1E
Reset value: 01000001, 0x41
7
6
5
4
3
2
1
0
RcvClkSelI
RxAutoPD
0
0
0
0
DecoderSource
Access
Rights
R/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7
RcvClkSelI
If set to 1, the I-clock is used for the receiver clock.
0 indicates, the Q-clock is used. I-clock and Q-clock are 90° phase shifted to each
other
6
RxAutoPD
If set to 1, the receiver circuit is automatically switched on before receiving and
switched off afterwards. This may be used to reduce current consumption.
If set to 0, the receiver is always activated.
5-2
0000
These values shall not be changed
1-0
DecoderSource
Selects the source for the decoder input:
00: Low
01: Internal Demodulator
10: RFU
11: RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com