| Electronic Components Datasheet Search |
|
SLRC400 Datasheet(PDF) 63 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SLRC400 Datasheet(HTML) 63 Page - NXP Semiconductors |
|
63 / 130 page ![]() Philips Semiconductors Product Specification Rev. 2.0 November 2001 I •CODE Reader IC SL RC400 63 Preliminary PRODUCT SERIAL NUMBER The SL RC400 holds a four byte serial number that is unique for each device. INTERNAL: These 2 bytes hold internal trimming parameters. MAXIMUM SOURCE RESISTANCE FOR THE P-CHANNEL DRIVER TRANSISTOR OF PIN TX1 AND TX2 The source resistance of the p-channel driver transistors of pin TX1 and TX2 may be adjusted via the GsConfCW Register (see chapter 13.2.1). The mean value of the maximum adjustable source resistance of the pins TX1 and TX2 is stored as an integer value in Ohms in byte RsMaxP. This value is denoted as maximum adjustable source resistance Rsref,max,n and is measured with GsConfCW Register set to 01hex. It is in the range between about 80 to 120 O. CRC The content of the product information field is secured via a CRC-byte, which is checked during start up. 6.3 Register Initialisation Files (Read/Write) Register initialisation in the register address range from 10hex to 2Fhex is done automatically during the Initialising Phase (see 11.3), using the Start Up Register Initialisation File. Furthermore, the user may initialise the SL RC400 registers with values from the Register Initialisation File executing the LoadConfig-Command (see 16.6.1). Notes: • The Page-Register (addressed with 10hex, 18hex, 20hex, 28hex) is skipped and not initialised. • Make sure that all PreSet registers are not changed. • Make sure, that all register bits that are reserved for future use (RFU) are set to 0. 6.3.1 START UP REGISTER INITIALISATION FILE (READ/WRITE) The content of the E²PROM memory block address 1 and 2 are used to initialise the SL RC400 registers 10hex to 2Fhex during the Initialising Phase automatically. The default values written into the E²PROM during production are shown in chapter 6.3.2. The assignment is the following: E²PROM Byte Address Register Address Remark 10hex (Block 1, Byte 0) 10hex Skipped 11hex 11hex Copied … … … 2Fhex (Block 2, Byte 15) 2Fhex Copied Table 6-4: Byte Assignment for Register Initialisation at Start Up |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |