Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 85Page - NXP Semiconductors SLRC400 Datasheet HTML 86Page - NXP Semiconductors SLRC400 Datasheet HTML 87Page - NXP Semiconductors SLRC400 Datasheet HTML 88Page - NXP Semiconductors SLRC400 Datasheet HTML 89Page - NXP Semiconductors SLRC400 Datasheet HTML 90Page - NXP Semiconductors SLRC400 Datasheet HTML 91Page - NXP Semiconductors SLRC400 Datasheet HTML 92Page - NXP Semiconductors SLRC400 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
89
Preliminary
14
RECEIVER CIRCUITRY
14.1
General
The SL RC400 employs an integrated quadrature-demodulation circuit which extracts the sub-carrier signal
from the 13.56 MHz ASK-modulated signal applied to pin RX. The quadrature-demodulator uses two
different clocks, Q- and
I-clock, with a phase shift of 90° between them. Both resulting subcarrier signals are
amplified, filtered and forwarded to the correlation circuitry. The correlation results are evaluated, digitised
and passed to the digital circuitry.
For all processing units various adjustments can be made to obtain optimum performance.
14.2
Block Diagram
Figure 14-1 shows the block diagram of the receiver circuitry. The receiving process includes several steps.
First the quadrature demodulation of the carrier signal of 13.56 MHz is done. To achieve an optimum in
performance an automatic clock Q calibration is recommended (see 14.3.1). The demodulated signal is
amplified by an adjustable amplifier. A correlation circuit calculates the degree of similarity between the
expected and the received signal. The bit phase register allows to align the position of the correlation
intervals with the bit grid of the received signal. In the evaluation and digitizer circuitry the valid bits are
detected and the digital results are send to the FIFO register. Several tuning steps in this circuit are possible.
The user may observe the signal on its way through the receiver as shown in the block diagram above. One
signal at a time may be routed to pin AUX using the TestAnaSelect-Register as described in 18.3.
13.56 MHz
Demodulator
RX
I to Q
Conversion
Q-clock
I-clock
Correlation
Circuitry
VRxFoll
I
VRxFollQ
VRxAmp
I
VRxAmpQ
VCorrN
I
VCorrDQ
VCorrD
I
VCorrNQ
VEvalL
VEvalR
to
TestAna
OutSel
Gain[1:0]
Evaluation and Digitizer
Circuitry
s_valid
s_data
s_coll
s_clock
BitPhase[7:0]
MinLevel[3:0]
CollLevel[3:0]
ClockQCalib
ClockQDelay[4:0]
ClockQ180°
clock
RcvClkSel
I
RxWait[7:0]
Figure 14-1: Block Diagram of Receiver Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com