Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 24Page - NXP Semiconductors SLRC400 Datasheet HTML 25Page - NXP Semiconductors SLRC400 Datasheet HTML 26Page - NXP Semiconductors SLRC400 Datasheet HTML 27Page - NXP Semiconductors SLRC400 Datasheet HTML 28Page - NXP Semiconductors SLRC400 Datasheet HTML 29Page - NXP Semiconductors SLRC400 Datasheet HTML 30Page - NXP Semiconductors SLRC400 Datasheet HTML 31Page - NXP Semiconductors SLRC400 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
28
Preliminary
5.2.2.3
ErrorFlag Register
Error flags showing the error status of the last executed command.
Name: ErrorFlag
Address: 0x0A
Reset value: 00000000, 0x00
7
6
5
4
3
2
1
0
0
0
AccessErr
FIFOOvfl
CRCErr
FramingErr
0
CollErr
Access
Rights
r
r
r
r
r
r
r
r
Description of the bits
Bit
Symbol
Function
7-6
0
Reserved for future use.
5
AccessErr
This bit is set to 1, if the access rights to the E²PROM are violated.
This bit is set to 0 starting an E²PROM related command.
4
FIFOOvfl
This bit is set to 1, if the µ-Processor or a SL RC400’s internal state machine
(e.g. receiver) tries to write data into the FIFO buffer although the FIFO buffer is
already full.
3
CRCErr
This bit is set to 1, if RxCRCEn is set and the CRC fails. It is cleared to 0
automatically at receiver start phase during the state PrepareRx.
2
FramingErr
This bit is set to 1, if the SOF is incorrect. It is cleared automatically at receiver
start (that is during the state PrepareRx).
1
0
RFU
0
CollErr
This bit is set to 1, if a bit-collision is detected. It is cleared automatically at
receiver start (that is during the state PrepareRx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com