| Electronic Components Datasheet Search |
|
SLRC400 Datasheet(PDF) 99 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SLRC400 Datasheet(HTML) 99 Page - NXP Semiconductors |
|
99 / 130 page ![]() Philips Semiconductors Product Specification Rev. 2.0 November 2001 I •CODE Reader IC SL RC400 99 Preliminary 16.4.1.2 RF-Channel Redundancy and Framing Each transmitted ISO 15693 frame consists of a SOF (start of frame) pattern, followed by the data stream and is closed by an EOF (end of frame) pattern. All I •CODE1 command frames consists of a START PULSE followed by the data stream. The I •CODE1 commands have a fix length and no EOF is needed. These different phases of the transmit sequence may be monitored by watching ModemState of PrimaryStatus- Register (see 16.4.4). Depending on the setting of bit TxCRCEn in the ChannelRedundancy-Register a CRC is calculated and appended to the data stream. The CRC is calculated according the settings in the ChannelRedundancy Register. 16.4.1.3 Transmission of Frames with more than 64 Bytes To generate frames with more than 64 bytes, the µ-Processor has to write data into the FIFO buffer while the Transmit Command is active. The state machine checks the FIFO status when it starts transmitting the last bit of the actual data stream (the check time is marked below with arrows). As long as the internal signal ‘Accept Further Data’ is 1 further data may be loaded into the FIFO. The SL RC400 appends this data to the data stream transmitted via the RF-interface. If the internal signal ‘Accept Further Data’ is 0 the transmission will terminate. All data written into the FIFO buffer after ‘Accept Further Data’ went 0 will not be transmitted anymore, but remain in the FIFO buffer. FIFO Length FIFO empty 0x01 0x00 TxLastBits = 0 TxLastBits Bit0 Bit7 Bit0 Bit7 TxData Check FIFO empty Accept Further Data Bit7 Figure 16-1: Timing for Transmitting Byte Oriented Frames |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |