Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 97Page - NXP Semiconductors SLRC400 Datasheet HTML 98Page - NXP Semiconductors SLRC400 Datasheet HTML 99Page - NXP Semiconductors SLRC400 Datasheet HTML 100Page - NXP Semiconductors SLRC400 Datasheet HTML 101Page - NXP Semiconductors SLRC400 Datasheet HTML 102Page - NXP Semiconductors SLRC400 Datasheet HTML 103Page - NXP Semiconductors SLRC400 Datasheet HTML 104Page - NXP Semiconductors SLRC400 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
101
Preliminary
16.4.2.3 Collision Detection
If more than one label is within the RF-field during the label selection phase, they will respond
simultaneously. The SL RC400 supports the algorithm defined in ISO 15693 as well as the I
•CODE1 anti-
collision algorithm to resolve data-collisions of label serial numbers by doing the so-called anti-collision
procedure. The basis for this is the ability to detect bit-collisions.
Bit-collision detection is supported by the used bit-coding scheme, namely the Manchester-coding. If in the
first and second half-bit of a bit a sub-carrier modulation is detected, instead of forwarding a 1 or a 0 a bit
collision will be signalled. To distinguish a 1 or 0-bit from a bit-collision, the SL RC400 uses the setting of
CollLevel. If the amplitude of the half-bit with smaller amplitude is larger than defined by CollLevel, the
SL RC400 indicates a bit-collision.
If a bit-collision is detected, the error flag CollErr is set.
Independent from the detected collision the receiver continues receiving the incoming data stream. In case of
a bit-collision, the decoder forwards 1 at the collision position.
Note: As an exception, if bit ZeroAfterColl is set, all bits received after the first bit-collision are forced to zero,
regardless whether a bit-collision or an unequivocal state has been detected. This feature eases for the
software to carry out the anti-collision procedure defined in ISO 15693.
When the first bit collision in a frame is detected, the bit position of this collision is stored in the CollPos
Register.
The collision position follows the table below:
Collision in Bit
Value of CollPos
SOF
0
LSBit of LSByte
1
…
…
MSBit of LSByte
8
LSBit of second Byte
9
…
…
MSBit of second Byte
16
LSBit of third Byte
17
…
…
Table 16-2: Returned Values for Bit Collision Positions
If a collision is detected in the SOF a frame error is reported and no data is forwarded to the FIFO buffer. In
this case the receiver continues to monitor the incoming signal and generates the correct notifications to the
µ-Processor when the ending of the faulty input stream is detected. This helps the µ-Processor to determine
the time when it is allowed next to send anything to the label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com