Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 29Page - NXP Semiconductors SLRC400 Datasheet HTML 30Page - NXP Semiconductors SLRC400 Datasheet HTML 31Page - NXP Semiconductors SLRC400 Datasheet HTML 32Page - NXP Semiconductors SLRC400 Datasheet HTML 33Page - NXP Semiconductors SLRC400 Datasheet HTML 34Page - NXP Semiconductors SLRC400 Datasheet HTML 35Page - NXP Semiconductors SLRC400 Datasheet HTML 36Page - NXP Semiconductors SLRC400 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
33
Preliminary
5.2.3
PAGE 2: TRANSMITTER AND CONTROL
5.2.3.1
Page Register
Selects the register page. See 5.2.1.1 Page register.
5.2.3.2
TxControl Register
Controls the logical behaviour of the antenna pin TX1 and TX2
Name: TxControl
Address: 0x11
Reset value: 01001000, 0x48
7
6
5
4
3
2
1
0
0
ModulatorSource
Force100
ASK
TX2Inv
TX2Cw
TX2RFEn
TX1RFEn
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7
0
This value shall not be changed
6-5
Modulator
Source
Selects the source for the modulator input:
00:
LOW
01:
HIGH
10:
Internal Coder
11:
RFU
4
Force100ASK
Set to 1, forces a 100% ASK Modulation independent of the setting in the
ModConductance Register.
3
TX2Inv
Set to 1, the output signal on pin TX2 will deliver an inverted 13.56 MHz carrier
frequenzy.
2
TX2Cw
Set to 1, the output signal on pin TX2 will deliver continuously the un-modulated
13.56 MHz carrier frequenzy.
Setting TX2Cw to 0 enables modulation of the 13.56 MHz carrier frequenzy.
1
TX2RFEn
Set to 1, the output signal on pin TX2 will deliver the 13.56 MHz carrier frequency
modulated by the transmission data.
If TX2RFEn is 0, TX2 drives a constant output level. See chapter 13.
0
TX1RFEn
Set to 1, the output signal on pin TX1 will deliver the 13.56 MHz carrier frequency
modulated by the transmission data.
If TX1RFEn is 0, TX1 drives a constant output level. See chapter 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com