Electronic Components Datasheet Search
  English  ▼

X  

21150 Datasheet(PDF) 8 Page - Intel Corporation

Part # 21150
Description  PCI-to-PCI Bridge
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21150 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 21150 Datasheet HTML 4Page - Intel Corporation 21150 Datasheet HTML 5Page - Intel Corporation 21150 Datasheet HTML 6Page - Intel Corporation 21150 Datasheet HTML 7Page - Intel Corporation 21150 Datasheet HTML 8Page - Intel Corporation 21150 Datasheet HTML 9Page - Intel Corporation 21150 Datasheet HTML 10Page - Intel Corporation 21150 Datasheet HTML 11Page - Intel Corporation 21150 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 164 page
background image
21150
viii
Preliminary Datasheet
20
Device Number to IDSEL s_ad Pin Mapping ...................................................... 45
21
21150 Response to Delayed Write Target Termination ...................................... 50
22
21150 Response to Posted Write Target Termination ........................................ 51
23
21150 Response to Delayed Read Target Termination ...................................... 51
24
Summary of Transaction Ordering ...................................................................... 66
25
Setting the Primary Interface Detected Parity Error Bit ....................................... 74
26
Setting the Secondary Interface Detected Parity Error Bit .................................. 75
27
Setting the Primary Interface Data Parity Detected Bit ....................................... 75
28
Setting the Secondary Interface Data Parity Detected Bit .................................. 76
29
Assertion of p_perr_l ........................................................................................... 76
30
Assertion of s_perr_l ........................................................................................... 77
31
Assertion of p_serr_l for Data Parity Errors ........................................................ 78
32
gpio Operation..................................................................................................... 90
33
gpio Serial Data Format ...................................................................................... 90
34
Power Management Transitions ......................................................................... 99
35
Configuration Register Values After Reset ....................................................... 133
36
JTAG Pins ......................................................................................................... 135
37
JTAG Instruction Registers ............................................................................... 136
38
Boundary-Scan Order ....................................................................................... 137
39
Absolute Maximum Ratings .............................................................................. 143
40
Functional Operating Range ............................................................................. 143
41
DC Parameters ................................................................................................. 144
42
33 MHz PCI Clock Signal AC Parameters ........................................................ 145
43
66 MHz PCI Clock Signal AC Parameters ........................................................ 146
44
33 MHz PCI Signal Timing ................................................................................ 147
45
66 MHz PCI Signal Timing ................................................................................ 148
46
Reset Timing Specifications.............................................................................. 148
47
33 MHz gpio Timing Specifications ................................................................... 149
48
66 MHz gpio Timing Specifications ................................................................... 150
49
JTAG Timing Specifications .............................................................................. 150
50
208-Pin PQFP Package Dimensions ................................................................ 154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com