Electronic Components Datasheet Search
  English  ▼

X  

21150 Datasheet(PDF) 6 Page - Intel Corporation

Part # 21150
Description  PCI-to-PCI Bridge
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21150 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 21150 Datasheet HTML 2Page - Intel Corporation 21150 Datasheet HTML 3Page - Intel Corporation 21150 Datasheet HTML 4Page - Intel Corporation 21150 Datasheet HTML 5Page - Intel Corporation 21150 Datasheet HTML 6Page - Intel Corporation 21150 Datasheet HTML 7Page - Intel Corporation 21150 Datasheet HTML 8Page - Intel Corporation 21150 Datasheet HTML 9Page - Intel Corporation 21150 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
21150
vi
Preliminary Datasheet
15.1.27 Subsystem Vendor ID Register—Offset 34h........................................ 118
15.1.28 ECP Pointer Register—Offset 34h ....................................................... 118
15.1.29 Subsystem ID Register—Offset 36h .................................................... 119
15.1.30 Interrupt Pin Register—Offset 3Dh....................................................... 119
15.1.31 Bridge Control Register—Offset 3Eh ................................................... 119
15.1.32 Capability ID Register—Offset DCh ..................................................... 122
15.1.33 Next Item Ptr Register—Offset DDh..................................................... 123
15.1.34 Power Management Capabilities Register—Offset DEh ...................... 123
15.1.35 Power Management Control and Status Register—Offset E0h ........... 124
15.1.36 PPB Support Extensions Registers—Offset E2h ................................. 124
15.1.37 Data Register—Offset E3h................................................................... 125
15.2
Device-Specific Configuration Registers ........................................................... 125
15.2.1 Chip Control Register—Offset 40h....................................................... 125
15.2.2 Diagnostic Control Register—Offset 41h ............................................. 126
15.2.3 Arbiter Control Register—Offset 42h.................................................... 127
15.2.4 p_serr_l Event Disable Register—Offset 64h....................................... 128
15.2.5 gpio Output Data Register—Offset 65h ............................................... 129
15.2.6 gpio Output Enable Control Register—Offset 66h ............................... 130
15.2.7 gpio Input Data Register—Offset 67h .................................................. 130
15.2.8 Secondary Clock Control Register—Offset 68h ................................... 130
15.2.9 p_serr_l Status Register—Offset 6Ah .................................................. 132
15.3
Configuration Register Values After Reset ....................................................... 133
16.0
JTAG Test Port .............................................................................................................. 135
16.1
Overview ........................................................................................................... 135
16.2
JTAG Signal Pins .............................................................................................. 135
16.3
Test Access Port Controller .............................................................................. 135
16.4
Instruction Register ........................................................................................... 136
16.5
Bypass Register ................................................................................................ 136
16.6
Boundary-Scan Register ................................................................................... 136
16.6.1 Boundary-Scan Register Cells ............................................................. 137
16.6.2 21150 Boundary-Scan Order ............................................................... 137
16.7
Initialization ....................................................................................................... 141
17.0
Electrical Specifications ................................................................................................. 143
17.1
PCI Electrical Specification Conformance......................................................... 143
17.2
Absolute Maximum Ratings .............................................................................. 143
17.3
DC Specifications .............................................................................................. 144
17.4
AC Timing Specifications .................................................................................. 144
17.4.1 Clock Timing Specifications ................................................................. 145
17.4.2 PCI Signal Timing Specifications ......................................................... 146
17.4.3 Reset Timing Specifications ................................................................. 148
17.4.4 gpio Timing Specifications ................................................................... 149
17.4.5 JTAG Timing Specifications ................................................................. 150
18.0
Mechanical Specifications.............................................................................................. 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com