Electronic Components Datasheet Search
  English  ▼

X  

21150 Datasheet(PDF) 97 Page - Intel Corporation

Part # 21150
Description  PCI-to-PCI Bridge
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21150 Datasheet(HTML) 97 Page - Intel Corporation

Back Button 21150 Datasheet HTML 93Page - Intel Corporation 21150 Datasheet HTML 94Page - Intel Corporation 21150 Datasheet HTML 95Page - Intel Corporation 21150 Datasheet HTML 96Page - Intel Corporation 21150 Datasheet HTML 97Page - Intel Corporation 21150 Datasheet HTML 98Page - Intel Corporation 21150 Datasheet HTML 99Page - Intel Corporation 21150 Datasheet HTML 100Page - Intel Corporation 21150 Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 164 page
background image
21150
Preliminary Datasheet
89
10.0
General-Purpose I/O Interface
The 21150 implements a 4-pin general-purpose I/O gpio interface. During normal operation, the
gpio interface is controlled by device-specific configuration registers. In addition, the gpio
interface can be used for the following functions:
• During secondary interface reset, the gpio interface can be used to shift in a 16-bit serial
stream that serves as a secondary bus clock disable mask.
• A live insertion bit can be used, along with the gpio<3> pin, to bring the 21150 gracefully to a
halt through hardware, permitting live insertion of option cards behind the 21150.
10.1
gpio Control Registers
During normal operation, the gpio interface is controlled by the following device-specific
configuration registers:
• The gpio output data register
• The gpio output enable control register
• The gpio input data register
These registers consist of five 8-bit fields:
• Write-1-to-set output data field
• Write-1-to-clear output data field
• Write-1-to-set signal output enable control field
• Write-1-to-clear signal output enable control field
• Input data field
The bottom 4 bits of the output enable fields control whether each gpio signal is input only or
bidirectional. Each signal is controlled independently by a bit in each output enable control field. If
a 1 is written to the write-1-to-set field, the corresponding pin is activated as an output. If a 1 is
written to the write-1-to-clear field, the output driver is tristated, and the pin is then input only.
Writing zeros to these registers has no effect. The reset state for these signals is input only.
The input data field is read only and reflects the current value of the gpio pins. A type 0
configuration read operation to this address is used to obtain the values of these pins. All pins can
be read at any time, whether configured as input only or as bidirectional.
The output data fields also use the write-1-to-set and write-1-to-clear method. If a 1 is written to the
write-1-to-set field and the pin is enabled as an output, the corresponding gpio output is driven
high. If a 1 is written to the write-1-to-clear field and the pin is enabled as an output, the
corresponding gpio output is driven low. Writing zeros to these registers has no effect. The value
written to the output register will be driven only when the gpio signal is configured as bidirectional.
A type 0 configuration write operation is used to program these fields. The reset value for the
output is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com