Electronic Components Datasheet Search
  English  ▼

X  

21150 Datasheet(PDF) 49 Page - Intel Corporation

Part # 21150
Description  PCI-to-PCI Bridge
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21150 Datasheet(HTML) 49 Page - Intel Corporation

Back Button 21150 Datasheet HTML 45Page - Intel Corporation 21150 Datasheet HTML 46Page - Intel Corporation 21150 Datasheet HTML 47Page - Intel Corporation 21150 Datasheet HTML 48Page - Intel Corporation 21150 Datasheet HTML 49Page - Intel Corporation 21150 Datasheet HTML 50Page - Intel Corporation 21150 Datasheet HTML 51Page - Intel Corporation 21150 Datasheet HTML 52Page - Intel Corporation 21150 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 164 page
background image
21150
Preliminary Datasheet
41
When the master repeats the transaction and starts transferring prefetchable read data from 21150
data buffers while the read transaction on the target bus is still in progress and before a read
boundary is reached on the target bus, the read transaction starts operating in flow-through mode.
Because data is flowing through the data buffers from the target to the initiator, long read bursts can
then be sustained. In this case, the read transaction is allowed to continue until the initiator
terminates the transaction, or until an aligned 4KB address boundary is reached, or until the buffer
fills, whichever comes first. When the buffer empties, the 21150 reflects the stalled condition to the
initiator by deasserting TRDY# until more read data is available; otherwise, the 21150 does not
insert any target wait states. When the initiator terminates the transaction, the deassertion of
FRAME# on the initiator bus is forwarded to the target bus. Any remaining read data is discarded.
Figure 11 shows a flow-through prefetchable read transaction.
Figure 10. Prefetchable Delayed Read Transaction
73%
LJ-04847.AI4
p_frame_l
p_cbe_l
p_ad
p_irdy_l
p_devsel_l
p_trdy_l
p_stop_l
s_frame_l
s_cbe_l
s_ad
s_irdy_l
s_devsel_l
s_trdy_l
s_stop_l
p_clk
Cycle
CY0
< 15ns >
CY1
CY2
CY3
CY4
CY5
CY6
CY7
CY8
CY10
CY9
CY11
CY12
CY13
CY14
CY15
CY16
CY17
CY18
CY19
CY20
CY21
s_clk
Addr
Addr
Addr
Byte Enables
Byte Enables
6
6
6
Byte Enables
0
Addr
6
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com