Electronic Components Datasheet Search
  English  ▼

X  

21150 Datasheet(PDF) 22 Page - Intel Corporation

Part # 21150
Description  PCI-to-PCI Bridge
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21150 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 21150 Datasheet HTML 18Page - Intel Corporation 21150 Datasheet HTML 19Page - Intel Corporation 21150 Datasheet HTML 20Page - Intel Corporation 21150 Datasheet HTML 21Page - Intel Corporation 21150 Datasheet HTML 22Page - Intel Corporation 21150 Datasheet HTML 23Page - Intel Corporation 21150 Datasheet HTML 24Page - Intel Corporation 21150 Datasheet HTML 25Page - Intel Corporation 21150 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 164 page
background image
21150
14
Preliminary Datasheet
2.4
General-Purpose I/O Interface Signals
Table 7 describes the general-purpose I/O interface signals.
2.5
Clock Signals
Table 8 describes the clock signals.
s_cfn_l
I
Secondary PCI central function enable. When tied low,
s_cfn_l enables the 21150 secondary bus arbiter. When tied
high, s_cfn_l disables the internal arbiter. An external
secondary bus arbiter must then be used. Signal s_req_l<0> is
reconfigured to be the 21150 secondary bus grant input, and
s_gnt_l<0> is reconfigured to be the 21150 secondary bus
request output, when an external arbiter is used. Secondary
bus parking is done when s_req_l<0> is asserted, the
secondary bus is idle, and the 21150 does not want to initiate a
transaction.
Table 6.
Secondary PCI Bus Interface Signals (Sheet 2 of 2)
Table 7.
General-Purpose I/O Interface Signals
Signal Name
Type
Description
gpio<3:0>
TS
General-purpose I/O data. These four general-purpose signals
are programmable as either input-only or bidirectional signals
by writing the gpio output enable control register in
configuration space. The value on these signals is reflected in
a gpio input data configuration register when read. Levels to
be driven on gpio pins configured as bidirectional are derived
from the value written in the gpio output data configuration
register.
During the first 23 clock cycles (46 cycles when s_clk operates
at 66 MHz) while p_rst_l is deasserted and s_rst_l is asserted,
the gpio signals are used to control an external shift register
that can shift in a serial clock disable mask into the msk_in
input. The gpio pins should not be driven by software during
these 23 clock cycles. The mask can then be read and
modified in the secondary clock control register in
configuration space.
Table 8.
Clock Signals (Sheet 1 of 2)
Signal Name
Type
Description
p_clk
I
Primary interface PCI CLK. Provides timing for all transactions
on the primary PCI bus. All primary PCI inputs are sampled on
the rising edge of p_clk, and all primary PCI outputs are driven
from the rising edge of p_clk. Frequencies supported by the
21150 range from 0 MHz to 33 MHz, or 0 MHz to 66 MHz for a
66 MHz capable 21150.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com