Electronic Components Datasheet Search
  English  ▼

X  

21150 Datasheet(PDF) 32 Page - Intel Corporation

Part # 21150
Description  PCI-to-PCI Bridge
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21150 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 21150 Datasheet HTML 28Page - Intel Corporation 21150 Datasheet HTML 29Page - Intel Corporation 21150 Datasheet HTML 30Page - Intel Corporation 21150 Datasheet HTML 31Page - Intel Corporation 21150 Datasheet HTML 32Page - Intel Corporation 21150 Datasheet HTML 33Page - Intel Corporation 21150 Datasheet HTML 34Page - Intel Corporation 21150 Datasheet HTML 35Page - Intel Corporation 21150 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 164 page
background image
21150
24
Preliminary Datasheet
3.2
Alphabetic Pin Assignment
Table 14 lists the 21150 pins in alphabetic order, showing the name, number, and signal type of
each pin. Table 12 defines the signal type abbreviations.
Table 14. Alphabetic Pin Assignments. (Sheet 1 of 3)
Pin
Pin
Number
Type
Pin
Pin
Number
Type
bpcce1
44
I
p_ad<21>
70
TS
config66
125
I
p_ad<22>
68
TS
s_m66ena
153
OD
p_ad<23>
67
TS
p_m66ena
102
I
p_ad<24>
63
TS
gpio<0>
28
TS
p_ad<25>
61
TS
gpio<1>
27
TS
p_ad<26>
60
TS
gpio<2>
25
TS
p_ad<27>
58
TS
gpio<3>
24
TS
p_ad<28>
57
TS
msk_in
126
I
p_ad<29>
55
TS
nc2
127
—
p_ad<30>
50
TS
nc
128
—
p_ad<31>
49
TS
p_ad<0>
122
TS
p_cbe_l<o>
110
TS
p_ad<1>
121
TS
p_cbe_l<1>
92
TS
p_ad<2>
119
TS
p_cbe_l<2>
79
TS
p_ad<3>
118
TS
p_cbe_l<3>
64
TS
p_ad<4>
116
TS
p_clk
45
I
p_ad<5>
115
TS
p_devsel_l
84
STS
p_ad<6>
113
TS
p_frame_l
80
STS
p_ad<7>
112
TS
p_gnt_l
46
I
p_ad<8>
109
TS
p_idsel
65
I
p_ad<9>
107
TS
p_irdy_l
82
STS
p_ad<10>
101
TS
p_lock
87
STS
p_ad<11>
99
TS
p_par
90
TS
p_ad<12>
98
TS
p_perr_l
88
STS
p_ad<13>
96
TS
p_req_l
47
TS
p_ad<14>
95
TS
p_rst_l
43
I
p_ad<15>
93
TS
p_serr_l
89
OD
p_ad<16>
77
TS
p_stop_l
85
STS
p_ad<17>
76
TS
p_trdy_l
83
STS
p_ad<18>
74
TS
p_vio
124
I
p_ad<19>
73
TS
s_ad<0>
137
TS
p_ad<20>
71
TS
s_ad<1>
138
TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com