Electronic Components Datasheet Search
  English  ▼

X  

21150 Datasheet(PDF) 27 Page - Intel Corporation

Part # 21150
Description  PCI-to-PCI Bridge
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21150 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 21150 Datasheet HTML 23Page - Intel Corporation 21150 Datasheet HTML 24Page - Intel Corporation 21150 Datasheet HTML 25Page - Intel Corporation 21150 Datasheet HTML 26Page - Intel Corporation 21150 Datasheet HTML 27Page - Intel Corporation 21150 Datasheet HTML 28Page - Intel Corporation 21150 Datasheet HTML 29Page - Intel Corporation 21150 Datasheet HTML 30Page - Intel Corporation 21150 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 164 page
background image
21150
Preliminary Datasheet
19
3.0
Pin Assignments
This chapter describes the 21150 pins. It provides numeric and alphabetic lists of the pins and
includes a diagram showing 21150 pin assignment.
Figure 5 shows the 21150 pins. Table 13 and Table 14 list the pins in numeric and alphabetic order.
Figure 5. 21150 Pin Assignment
LJ-04737.AI5
vss
vdd
s_ad<10>
s_m66ena
s_ad<9>
vdd
s_ad<8>
s_cbe_l<0>
vss
s_ad<7>
s_ad<6>
vdd
s_ad<5>
s_ad<4>
vss
s_ad<3>
s_ad<2>
vdd
s_ad<1>
s_ad<0>
vss
s_vio
trst_l
tck
tms
vdd
tdo
tdi
nc
nc
msk_in
config66
p_vio
vss
p_ad<0>
p_ad<1>
vdd
p_ad<2>
p_ad<3>
vss
p_ad<4>
p_ad<5>
vdd
p_ad<6>
p_ad<7>
vss
p_cbe_l<0>
p_ad<8>
vdd
p_ad<9>
vss
vdd
vdd
req_l<1>
req_l<2>
req_l<3>
req_l<4>
req_l<5>
req_l<6>
req_l<7>
req_l<8>
gnt_l<0>
gnt_l<1>
vss
gnt_l<2>
gnt_l<3>
gnt_l<4>
gnt_l<5>
gnt_l<6>
gnt_l<7>
gnt_l<8>
vss
s_clk
s_rst_l
s_cfn_l
gpio<3>
gpio<2>
gpio<1>
gpio<0>
vdd
clk_o<0>
clk_o<1>
clk_o<2>
clk_o<3>
clk_o<4>
clk_o<5>
clk_o<6>
clk_o<7>
clk_o<8>
clk_o<9>
vss
vdd
vss
vdd
p_rst_l
vss
p_clk
p_gnt_l
p_req_l
vss
p_ad<31>
p_ad<30>
vdd
vss
5
10
15
20
25
30
35
40
45
50
155
150
145
140
135
130
125
120
115
110
105
21150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com