Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG714 Datasheet HTML 2Page - Analog Devices ADG714 Datasheet HTML 3Page - Analog Devices ADG714 Datasheet HTML 4Page - Analog Devices ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADG714/ADG715
Data Sheet
Rev. E | Page 6 of 21
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
LEAKAGE CURRENTS
VDD = +2.75 V, VSS = −2.75 V
Source Off Leakage, IS (OFF)
±0.01
nA typ
VS = +2.25 V/−1.25 V, VD = −1.25 V/+2.25 V
±0.1
±0.3
nA max
Drain Off Leakage, ID (OFF)
±0.01
nA typ
VS = +2.25 V/−1.25 V, VD = −1.25 V/+2.25 V
±0.1
±0.3
nA max
Channel On Leakage, ID (ON), IS (ON)
±0.01
nA typ
VS = VD = +2.25 V/−1.25 V
±0.1
±0.3
nA max
DIGITAL INPUTS
Input Voltage
High, VINH
1.7
V min
Low, VINL
0.7
V max
High or Low Input Current, IINH or IINL
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
Digital Input Capacitance, CIN
3
pF typ
DIGITAL OUTPUT, ADG714, DOUT
Output Voltage Low, VOL
0.4
V max
ISINK = 6 mA
Digital Output Capacitance, COUT
4
pF typ
DIGITAL INPUTS, SCL, SDA
Input Voltage
High, VINH
0.7 × VDD
V min
VDD + 0.3
V max
High, VINH
−0.3
V min
0.3 × VDD
V max
Input Leakage Current, IIN
0.005
µA typ
VIN = 0 V to VDD
±1
µA max
Input Hysteresis, VHYST
0.05 × VDD
V min
Input Capacitance, CIN
6
pF typ
LOGIC OUTPUT, SDA
Output Voltage
Low, VOL
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
DYNAMIC CHARACTERISTICS
On Time, tON
ADG714
20
ns typ
VS = 1.5 V, RL = 300 Ω, CL = 35 pF
32
ns max
ADG715
133
ns typ
VS = 1.5 V, RL = 300 Ω, CL = 35 pF
200
ns max
Off Time, tOFF
ADG714
8
ns typ
VS = 1.5 V, RL = 300 Ω, CL = 35 pF
18
ns max
ADG715
124
ns typ
VS = 1.5 V, RL = 300 Ω, CL = 35 pF
190
ns max
Break-Before-Make Time Delay, tD
8
ns typ
VS = 1.5 V, RL = 300 Ω, CL = 35 pF
1
ns min
Charge Injection, QINJ
±3
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Channel to Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz
−3 dB Bandwidth
155
MHz typ
RL = 50 Ω, CL = 5 pF
Insertion Loss
−0.3
dB typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com