Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADG714/ADG715
Rev. E | Page 11 of 21
GND
S1
D1
S2
D2
S3
S7
D8
S8
VSS
D7
S6
2
1
3
4
5
6
18
17
16
15
14
13
NOTES
1. EXPOSED PAD TIED TO SUBSTRATE, VSS.
ADG714
TOP VIEW
(Not to Scale)
Figure 6. ADG714 LFCSP Pin Configuration
Table 9. ADG714 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground (0 V) Reference.
2, 4, 6, 8, 11, 13, 15, 17
Sx
Source. These pins may be an input or an output.
3, 5, 7, 9, 10, 12, 14, 16
Dx
Drain. These pins may be an input or an output.
18
VSS
Most Negative Power Supply Potential. In single-supply applications, VSS is
connected to ground.
19
DOUT
Serial Data Output. This pin is used for daisy-chaining a number of these devices
together or for reading back data in the shift register for diagnostic purposes. The
serial data is transferred on the rising edge of SCLK and is valid on the falling edge
of the clock. Pull this open-drain output to the supply with an external resistor.
20
RESET
RESET. Under normal operation, drive the RESET pin with a 2.7 V to 5 V supply. Pull
the pin low (<0.8 V) for a short period (15 ns is sufficient) to complete a hardware
reset. All switches are opened and the appropriate registers are cleared to 0.
When using the RESET pin to complete a hardware reset, all other SPI pins (SYNC,
SCLK, and DIN) must be driven low.
21
SYNC
Active Low Control Input. This pin is the frame synchronization signal for the input
data. When SYNC goes low, this pin powers on the SCLK and DIN buffers and
enables the input shift register. Data is transferred in on the falling edges of the
following clock cycle. Taking SYNC high updates the switch condition.
22
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge
of the serial clock input. Data is transferred at rates of up to 50 MHz.
23
VDD
Most Positive Power Supply Potential.
24
DIN
Serial Data Input. This device has an 8-bit shift register. Data is clocked into the
register on the falling edge of the serial clock input.
EP
EP
Exposed Pad. Exposed pad tied to the substrate, VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com