Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG714 Datasheet HTML 3Page - Analog Devices ADG714 Datasheet HTML 4Page - Analog Devices ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADG714/ADG715
Rev. E | Page 7 of 21
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
Off Switch Source Capacitance, CS (OFF)
11
pF typ
Off Switch Drain Capacitance, CD (OFF)
11
pF typ
On Switch Capacitance, C D (ON), C S (ON)
22
pF typ
POWER REQUIREMENTS
VDD = +2.75 V, VSS = −2.75 V
Positive Power Supply Current, IDD
15
µA typ
Digital inputs = 0 V or VDD
25
µA max
Negative Power Supply Current, ISS
15
µA typ
25
µA max
TIMING CHARACTERISTICS
ADG714
VDD = 2.7 V to 5.5 V. All specifications are from −40°C to +85°C, unless otherwise noted. See Figure 3. All input signals are specified with
tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
Table 4.
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
fSCLK
30
MHz max
SCLK cycle frequency
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
0
ns min
SYNC to SCLK rising edge setup time
t5
5
ns min
Data setup time
t6
4.5
ns min
Data hold time
t7
0
ns min
SCLK falling edge to SYNC rising edge
t8
33
ns min
Minimum SYNC high time
t91
20
ns max
SCLK rising edge to DOUT valid
t10
0
ns min
SCLK falling edge to SYNC falling edge
t11
6
ns max
SYNC rising edge to SCLK rising edge
1
CL = 20 pF, RL = 1 kΩ.
ADG715
VDD = 2.7 V to 5.5 V. All specifications are from −40°C to +85°C, unless otherwise noted. See Figure 4.
Table 5.
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
fSCL
400
kHz max
SCL clock frequency
t1
2.5
µs min
SCL cycle time
t2
0.6
µs min
SCL high time, tHIGH
t3
1.3
µs min
SCL low time, tLOW
t4
0.6
µs min
Start/repeated start condition hold time, tHD, STA
t5
100
ns min
Data setup time, tSU, DAT
t61
0.9
µs max
Data hold time, tHD, DAT
0
µs min
t7
0.6
µs min
Setup time for repeated start, tSU, STA
t8
0.6
µs min
Stop condition setup time, tSU, STO
t9
1.3
µs min
Bus free time between a stop condition and a start condition, tBUF
t10
300
ns max
Rise time of both SCL and SDA when receiving, tR
20 + 0.1Cb2
ns min
t11
250
ns max
Fall time of SDA when receiving, tF
t11
300
ns max
Fall time of SDA when transmitting, tF
0.1Cb2
ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com