Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 1 Page - Analog Devices

  ADG714 Datasheet HTML 1Page - Analog Devices ADG714 Datasheet HTML 2Page - Analog Devices ADG714 Datasheet HTML 3Page - Analog Devices ADG714 Datasheet HTML 4Page - Analog Devices ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CMOS, Low Voltage
Serially Controlled, Octal SPST Switches
Data Sheet
ADG714/ADG715
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2000–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SPI/QSPI/MICROWIRE-compatible interface (ADG714)
ADG715: I2C-compatible interface (ADG715)
2.7 V to 5.5 V single supply
±2.5 V dual supply
2.5 Ω on resistance
0.6 Ω on resistance flatness
0.1 nA leakage currents
Octal SPST
Power-on reset
Fast switching times
TTL/CMOS compatible
24-lead TSSOP and 24-lead LFCSP
APPLICATIONS
Data acquisition systems
Communication systems
Relay replacement
Audio and video switching
GENERAL DESCRIPTION
The ADG714/ADG715 are complementary metal-oxide
semiconductor (CMOS), octal single-pole, single-throw (SPST)
switches, controlled via either a 2- or 3-wire serial interface. On
resistance is closely matched between the switches and is flat
over the full signal range. Each switch conducts equally well in
both directions, and the input signal range extends to the
supplies. Data is written to these devices in the form of 8 bits,
each bit corresponding to one channel.
The ADG714 uses a 3-wire serial interface that is compatible
with serial peripheral interface (SPI), QSPI™, MICROWIRE™
interface standards, and most digital signal processing (DSP)
interface standards. The output of the shift register DOUT
enables a number of these devices to be daisy-chained.
The ADG715 uses a 2-wire serial interface that is compatible
with the I2C interface standard. The ADG715 has four hardwired
addresses, selectable from two external address pins (A0 and A1).
The pins allow the two LSBs of the 7-bit slave address to be set
by the user. A maximum of four of these devices may be
connected to the bus.
On power-up of these devices, all switches are in the off
condition, and the internal registers contain all zeros.
A low power consumption and operating supply range of 2.7 V
to 5.5 V make these devices ideal for many applications. These
devices can also be supplied from a dual ±2.5 V supply. The
ADG714 is available in a 24-lead TSSOP and a 24-lead LFCSP,
FUNCTIONAL BLOCK DIAGRAMS
ADG714
D1
D2
D3
D4
D5
D6
D7
D8
DOUT
S1
S2
S3
S4
S5
S6
S7
S8
INPUT SHIFT
REGISTER
SCLK DIN SYNC RESET
Figure 1. ADG714 Functional Block Diagram
ADG715
D1
D2
D3
D4
D5
D6
D7
D8
S1
S2
S3
S4
S5
S6
S7
S8
INTERFACE
LOGIC
SDA
SCL
A0
A1
RESET
Figure 2. ADG715 Functional Block Diagram
and the ADG715 is available in a 24-lead TSSOP.
PRODUCT HIGHLIGHTS
1. 2- or 3-wire serial interface.
2. Single-/dual-supply operation.
The ADG714 and ADG715 are fully specified and
guaranteed with 3 V, 5 V, and ±2.5 V supply rails.
3. Low on resistance, typically 2.5 Ω.
4. Low leakage.
5. Power-on reset.
6. A 24-lead TSSOP for both the ADG714 and the ADG715.
A 24-lead LFCSP for the ADG714.


Similar Part No. - ADG714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714 Datasheet
173Kb / 16P
CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV.0
ADG714 AD-ADG714 Datasheet
232Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
11/02-Data Sheet changed from REV. A to REV. B.
ADG714BRU AD-ADG714BRU Datasheet
173Kb / 16P
CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV.0
ADG714BRU AD-ADG714BRU Datasheet
232Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
11/02-Data Sheet changed from REV. A to REV. B.
ADG714BRU-REEL AD-ADG714BRU-REEL Datasheet
188Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
More results

Similar Description - ADG714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714 Datasheet
173Kb / 16P
CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV.0
ADG728 AD-ADG728 Datasheet
150Kb / 12P
CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV.0
ADG738 AD-ADG738 Datasheet
156Kb / 12P
CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV.0
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
11/02-Data Sheet changed from REV. A to REV. B.
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com