Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 21 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices ADG714 Datasheet HTML 17Page - Analog Devices ADG714 Datasheet HTML 18Page - Analog Devices ADG714 Datasheet HTML 19Page - Analog Devices ADG714 Datasheet HTML 20Page - Analog Devices ADG714 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
ADG714/ADG715
Rev. E | Page 21 of 21
OUTLINE DIMENSIONS
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD
Figure 30. 24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
Dimensions shown in millimeters
0.30
0.25
0.20
0.80
0.75
0.70
0.20 MIN
2.20
2.10 SQ
2.00
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD-8.
BOTTOM VIEW
TOP VIEW
SIDE VIEW
4.10
4.00 SQ
3.90
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 31. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-24-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADG714BRUZ
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
ADG714BRUZ-REEL
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
ADG714BRUZ-REEL7
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
ADG714BCPZ-REEL7
−40°C to +85°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-10
ADG715BRUZ
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
ADG715BRUZ-REEL
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
ADG715BRUZ-REEL7
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
1
Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2000–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00043-0-6/18(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com