Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 19 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices ADG714 Datasheet HTML 17Page - Analog Devices ADG714 Datasheet HTML 18Page - Analog Devices ADG714 Datasheet HTML 19Page - Analog Devices ADG714 Datasheet HTML 20Page - Analog Devices ADG714 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
ADG714/ADG715
Rev. E | Page 19 of 21
APPLICATIONS INFORMATION
MULTIPLE DEVICES ON ONE BUS
Figure 27 shows four ADG715 devices on the same serial bus.
Each has a different slave address because the state of the A0
and A1 pins is different. This difference allows each switch to be
written to or read from independently.
DAISY-CHAINING MULTIPLE ADG714 DEVICES
A number of ADG714 switches can be daisy-chained simply by
using the DOUT pin. Figure 28 shows a typical implementation.
The SYNC pin of all three devices in the example are tied
together. When SYNC is brought low, the input shift registers of
all devices are enabled, data is written to the devices via DIN
and clocked through the shift registers. When the transfer is
complete, SYNC is brought high, and all switches are updated
simultaneously. Further shift registers may be added in a series.
POWER SUPPLY SEQUENCING
When using CMOS devices, take care to ensure correct power
supply sequencing. Incorrect power supply sequencing can
result in the devices being subjected to stresses beyond the
absolute maximum ratings listed in Table 6. Digital and analog
inputs are always applied after power supplies and ground. In
dual-supply applications, if digital or analog inputs are applied
to the devices prior to the VDD and VSS supplies, the addition of
a Schottky diode connected between VSS and GND ensures that
the devices power on correctly. For single-supply operation, VSS
is tied to GND as close to the devices as possible.
SDA
SCL
A1
A0
A1
A0
A1
A0
A1
A0
ADG715
SDA
SCL
ADG715
SDA
SCL
ADG715
SDA
SCL
ADG715
SDA
SCL
MASTER
RP
RP
VDD
VDD
VDD
VDD
Figure 27. Multiple ADG715 Devices on One Bus
SCLK
DIN
DOUT
ADG714
SYNC
TO
OTHER
SERIAL
DEVICES
SCLK
DIN
SYNC
SCLK
DIN
DOUT
ADG714
SYNC
SCLK
DIN
DOUT
ADG714
SYNC
VDD
VDD
VDD
R
R
R
Figure 28. Multiple ADG714 Devices in a Daisy-Chained Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com