Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADG714/ADG715
Rev. E | Page 9 of 21
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to VSS
7 V
VDD to GND
−0.3 V to +7 V
VSS to GND
+0.3 V to −3.5 V
Analog Inputs1
VSS −0.3 V to VDD +0.3 V or
30 mA, whichever occurs first
Digital Inputs1
–0.3 V to VDD +0.3 V or 30 mA,
whichever occurs first
Peak Current, Sx or Dx
100 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current, Sx or Dx
30 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature, Soldering
(10 sec)
300°C
Infrared Reflow (20 sec)
235°C
1
Overvoltages at the DIN pin, Sx, or Dx are clamped by internal diodes. Limit
current to the given maximum ratings.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment.
Careful attention to PCB thermal design is required.
θJA is the natural convection, junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
RU-24
128
42
°C/W
CP-24-10
127.991
15.382
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD-51.
2
Thermal impedance simulated values are based on a cool plate location at
the top of the package and measured at the bottom of the exposed paddle
of the LFCSP.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com