Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADG714/ADG715
Data Sheet
Rev. E | Page 10 of 21
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
19
18
17
16
15
14
13
12
11
ADG714
(Not to Scale)
TOP VIEW
RESET
DOUT
VSS
S8
D8
S7
D7
S6
D6
S5
D5
SCLK
VDD
DIN
GND
S1
D1
S2
D2
S3
D3
S4
D4
SYNC
Figure 5. ADG714 TSSOP Pin Configuration
Table 8. ADG714 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial
clock input. These devices accommodate serial input rates of up to 30 MHz.
2
VDD
Positive Analog Supply Voltage.
3
DIN
Serial Data Input. Data is clocked into the 8-bit input register on the falling edge of the serial
clock input.
4
GND
Ground Reference.
5, 7, 9, 11, 14, 16, 18, 20
Sx
Source. These pins may be an input or an output.
6, 8, 10, 12, 13, 15, 17, 19
Dx
Drain. These pins may be an input or an output.
21
VSS
Negative Analog Supply Voltage. For single-supply operation, tie this pin to ground.
22
DOUT
Serial Data Output. This pin allows a number of devices to be daisy-chained. Data is clocked out
of the input shift register on the rising edge of SCLK. DOUT is an open-drain output that is pulled
to the supply with an external pull-up resistor.
23
RESET
Active Low Control Input. This pin clears the input register and turns all switches to the off
condition.
24
SYNC
Active Low Control Input. This pin is the frame synchronization signal for the input data. When
SYNC goes low, this pin powers on the SCLK and DIN buffers and the input shift register is
enabled. Data is transferred on the falling edges of the following clock cycle. Taking SYNC high
updates the switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com