Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 18 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices ADG714 Datasheet HTML 17Page - Analog Devices ADG714 Datasheet HTML 18Page - Analog Devices ADG714 Datasheet HTML 19Page - Analog Devices ADG714 Datasheet HTML 20Page - Analog Devices ADG714 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ADG714/ADG715
Data Sheet
Rev. E | Page 18 of 21
Input Shift Register
The input shift register is eight bits wide. Figure 24 illustrates
the contents of the input shift register. Data is loaded into the
device as an 8-bit word under the control of a serial clock input,
SCL. The timing diagram for this operation is shown in Figure 4.
The 8-bit word consists of eight data bits, each controlling one
switch. MSB (Bit 7) is loaded first.
Write Operation
When writing to the ADG715, the user begins with an address
byte and an R/W bit, after which the switch acknowledges that
it is prepared to receive data by pulling SDA low. This address
byte is followed by the 8-bit word. The write operation for the
switch is shown in Figure 25.
Read Operation
When reading data back from the ADG715, the user begins
with an address byte and an R/W bit, after which the switch
acknowledges that it is prepared to transmit data by pulling
SDA low. The readback operation is a single byte that consists of
the eight data bits in the input register. The read operation for
the switch is shown in Figure 26.
SCL
SDA
S8
S7
S6
S5
S4
S3
S2
S1
A0
R/W
ACK
BY
ADG715
ACK
BY
ADG715
START
COND
BY
MASTER
STOP
COND
BY
MASTER
ADDRESS BYTE
DATA BYTE
A1
1
1
0
0
0
Figure 25. ADG715 Write Sequence
SCL
SDA
S8
S7
S6
S5
S4
S3
S2
S1
A0
R/W
ACK
BY
ADG715
NO ACK
BY
MASTER
START
COND
BY
MASTER
STOP
COND
BY
MASTER
ADDRESS BYTE
DATA BYTE
A1
1
1
0
0
0
Figure 26. ADG715 Readback Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com