Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices ADG714 Datasheet HTML 17Page - Analog Devices ADG714 Datasheet HTML 18Page - Analog Devices ADG714 Datasheet HTML 19Page - Analog Devices ADG714 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADG714/ADG715
Data Sheet
Rev. E | Page 16 of 21
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply in a dual-supply application. In
single-supply applications, tie this pin to ground.
IDD
Positive supply current.
ISS
Negative supply current.
GND
Ground (0 V) reference.
Sx
Source terminal. May be an input or an output.
Dx
Drain terminal. May be an input or an output.
RON
Ohmic resistance between Dx and Sx.
ΔRON
On resistance match between any two channels, for example,
RON max − RON min.
RFLAT(ON)
Flatness is defined as the difference between the maximum and
minimum values of on resistance as measured over the specified
analog signal range.
IS(OFF)
Source leakage current with the off switch.
ID(OFF)
Drain leakage current with the off switch.
ID(ON), IS(ON)
Channel leakage current with the on switch.
VD, VS
Analog voltage on the Dx and Sx terminals.
CS(OFF)
Off switch source capacitance. CS (OFF) is measured with
reference to ground.
CD(OFF)
Off switch drain capacitance. CD (OFF) is measured with reference
to ground.
CD(ON), CS(ON)
On switch capacitance. CD (ON), CS (ON) is measured with reference
to ground.
CIN
Digital input capacitance.
tON
Delay time between loading new data to the shift register and
selected switches switching on.
tOFF
Delay time between loading new data to the shift register and
selected switches switching off.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Crosstalk
A measure of unwanted signal that is coupled through from one
channel to another because of parasitic capacitance.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Bandwidth
The frequency at which the output is attenuated by −3 dB.
On Response
The frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch. Insertion loss =
20 log10 (VOUT with switch and VOUT without switch).
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL, IINH
Input current of the digital input.
IDD
Positive supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com