Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 15 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices ADG714 Datasheet HTML 17Page - Analog Devices ADG714 Datasheet HTML 18Page - Analog Devices ADG714 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADG714/ADG715
Rev. E | Page 15 of 21
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
100M
10M
1M
100k
30k
VDD = 5V
TA = 25°C
Figure 20. Crosstalk vs. Frequency
VOLTAGE (V)
–3
–2
–1
0
1
2
3
4
5
10
0
–20
–15
–10
–5
5
VDD = +2.5V
VSS = –2.5V
VDD = +3.3V
VSS = GND
VDD = +5.0V
VSS = GND
TA = 25°C
Figure 21. QINJ vs. Source/Drain Voltage
TEMPERATURE (°C)
70
30
20
10
40
45
40
60
50
VSS = GND
80
35
30
25
20
15
10
5
0
tON, VDD = 3V
tON, VDD = 5V
tOFF, VDD = 3V
tOFF, VDD = 5V
Figure 22. tON/tOFF Times vs. Temperature for the ADG714
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
WITH 100nF
DECOUPLING
CAPACITOR
WITHOUT
DECOUPLING
CAPACITOR
WITH 10uF AND 100nF
DECOUPLING CAPACITORS
Figure 23. AC Power Supply Rejection Ratio (AC PSRR) vs. Frequency,
5 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com