Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 3 Page - Analog Devices

  ADG714 Datasheet HTML 1Page - Analog Devices ADG714 Datasheet HTML 2Page - Analog Devices ADG714 Datasheet HTML 3Page - Analog Devices ADG714 Datasheet HTML 4Page - Analog Devices ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADG714/ADG715
Rev. E | Page 3 of 21
SPECIFICATIONS
5 V SINGLE SUPPLY
VDD = 5 V ± 10%, VSS = 0 V, and GND = 0 V, unless otherwise noted. Temperature range is −40°C to +85°C.
Table 1.
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
2.5
Ω typ
VS = 0 V to VDD, IS = 10 mA
4.5
5
Ω max
On Resistance Match Between Channels, ΔRON
0.4
Ω typ
0.8
Ω max
VS = 0 V to VDD, IS = 10 mA
On Resistance Flatness, RFLAT(ON)
0.6
Ω typ
VS = 0 V to VDD, IS = 10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source Off Leakage, IS (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V
±0.1
±0.3
nA max
Drain Off Leakage, ID (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V
±0.1
±0.3
nA max
Channel On Leakage, ID (ON), IS (ON)
±0.01
nA typ
VD = VS = 1 V or 4.5 V
±0.1
±0.3
nA max
DIGITAL INPUTS
Input Voltage
High, VINH
2.4
V min
Low, VINL
0.8
V max
High or Low Input Current, IINH or IINL
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
Digital Input Capacitance, CIN
3
pF typ
DIGITAL OUTPUT, ADG714, DOUT
Output Voltage Low, VOL
0.4
V max
ISINK = 6 mA
Digital Output Capacitance, COUT
4
pF typ
DIGITAL INPUTS, SCL, SDA
Input Voltage
High, VINH
0.7 × VDD
V min
VDD + 0.3
V max
High, VINH
−0.3
V min
0.3 × VDD
V max
Input Leakage Current, IIN
0.005
µA typ
VIN = 0 V to VDD
±1
µA max
Input Hysteresis, VHYST
0.05 × VDD
V min
Input Capacitance, CIN
6
pF typ
LOGIC OUTPUT, SDA
Output Voltage Low, VOL
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
DYNAMIC CHARACTERISTICS
On Time, tON
ADG714
20
ns typ
VS = 3 V, RL = 300 Ω, CL = 35 pF
32
ns max
ADG715
95
ns typ
VS = 3 V, RL = 300 Ω, CL = 35 pF
140
ns max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com