Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 14 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices ADG714 Datasheet HTML 17Page - Analog Devices ADG714 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ADG714/ADG715
Data Sheet
Rev. E | Page 14 of 21
VOLTAGE (V)
0
0.04
0.02
–0.02
–0.04
IS, ID (ON)
ID (OFF)
IS (OFF)
VDD = 3V
VSS = GND
TA = 25°C
2.5
3.0
2.0
1.5
1.0
0.5
0
Figure 14. Leakage Currents as a Function of VD (VS), Single Supply
VOLTAGE (V)
0
0.04
0.02
–0.02
–0.04
2
1
0
–1
–2
VDD = +2.5V
VSS = –2.5V
TA = 25°C
IS, ID (ON)
ID (OFF)
IS (OFF)
Figure 15. Leakage Currents as a Function of VD (VS), Dual Supply
TEMPERATURE (°C)
0
70
30
20
10
40
0.10
0.05
–0.05
–0.10
60
50
80
VDD = +2.75V
VSS = –2.75V
VD = +2.25V/–1.25V
VS = –1.25V/+2.25V
VDD = +5V
VSS = GND
VD = 4.5V/1V
VS = 1V/4.5V
IS, ID (ON)
ID (OFF)
IS (OFF)
Figure 16. Leakage Currents as a Function of Temperature
at ±2.75 V Dual Supply and +5 V Single Supply
TEMPERATURE (°C)
70
30
20
10
40
0.10
0.05
0
–0.05
–0.10
60
50
80
IS, ID (ON)
ID (OFF)
IS (OFF)
VDD = 3V
VSS = GND
VD = 3V/1V
VS = 1V/3CV
Figure 17. Leakage Currents as a Function of Temperature
at 3 V Single Supply
FREQUENCY (Hz)
0
30k
–120
–100
–80
–60
–40
–20
100k
1M
10M
100M
VDD = 5V
TA = 25°C
Figure 18. Off Isolation vs. Frequency
FREQUENCY (Hz)
–14
300M
–12
–10
–8
–6
–4
0
–2
100M
10M
1M
100k
30k
Figure 19. On Response vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com