Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG714 Datasheet HTML 4Page - Analog Devices ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADG714/ADG715
Data Sheet
Rev. E | Page 8 of 21
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
Cb
400
pF max
Capacitive load for each bus line
tSP3
50
ns max
Pulse width of spike suppressed
1
A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH min of the SCL signal) to bridge the undefined region of the falling
edge of SCL.
2
Cb is the total capacitance of one bus line in pF. tR and tF measured between 0.3 × VDD and 0.7 × VDD.
3
Input filtering on both the SCL and SDA inputs suppress noise spikes that are less than 50 ns.
Timing Diagrams
SCLK
SYNC
DIN
DOUT
t1
t2
t4
t6
t5
t9
t8
t3
t7
t11
DB0
DB7
DB7*
DB6*
DB2*
DB1*
DB0*
t10
*DATA FROM PREVIOUS WRITE CYCLE
Figure 3. 3-Wire Serial Interface Timing Diagram
SDA
SCL
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
t8
t1
t7
t4
t5
t11
t2
t6
t10
t3
t4
t9
Figure 4. 2-Wire Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com